Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA7795T Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA7795T
Description  AGC Amplifier with Step Gain Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7795T Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA7795T Datasheet HTML 1Page - Sanyo Semicon Device LA7795T Datasheet HTML 2Page - Sanyo Semicon Device LA7795T Datasheet HTML 3Page - Sanyo Semicon Device LA7795T Datasheet HTML 4Page - Sanyo Semicon Device LA7795T Datasheet HTML 5Page - Sanyo Semicon Device LA7795T Datasheet HTML 6Page - Sanyo Semicon Device LA7795T Datasheet HTML 7Page - Sanyo Semicon Device LA7795T Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA7795T
No.8268-4/8
LA7795T Gain Measurement Circuit 1
LA7795T Noise Figure Measurement Circuit 2
LA7795T Input Impedance Measurement Circuit 3
LA7795T Intermodulation Measurement Circuit 4
SW
1000pF
1000pF
200
200
51
AGC Voltage
VCC
TOKO
617DB-1010 B4F
1000pF
1000pF
1
4
3
2
8
5
6
7
AGC
VCC
1000pF
1000pF
1000pF
SG
Spectrum
Analyzer
AGC
SG
SW
1000pF
1000pF
200
200
51
AGC Voltage
VCC
TOKO
617DB-1010 B4F
1000pF
1000pF
1
4
3
2
8
5
6
7
AGC
VCC
1000pF
1000pF
1000pF
Noise Figure
Analyzer (Source)
Noise Figure
Analyzer (Sense)
1
4
3
2
8
5
6
7
AGC
AGC Voltage
VCC
1000pF
1000pF
1000pF
Network Analyzer
51
SW
VCC
1000pF
200
51
200
51
1000pF
1000pF
1000pF
SW
1000pF
1000pF
200
200
51
AGC Voltage
VCC
TOKO
Input
617DB-1010 B4F
1000pF
1000pF
1
4
3
2
8
5
6
7
AGC
VCC
1000pF
1000pF
1000pF
SG
Spectrum
Analyzer
Output
AGC
SG


Similar Part No. - LA7795T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7790M SANYO-LA7790M Datasheet
174Kb / 14P
   QPSK Transmitter for Cable TV
LA7791T SANYO-LA7791T Datasheet
69Kb / 4P
   For CATV/Cable Modem Variable Gain Controlled Amplifier
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
   With Driver amplifier for ADC AGC amplifier
LA7796T SANYO-LA7796T Datasheet
113Kb / 8P
   For Digital CATV/Cable Modem Receiver AGC Amplifier
More results

Similar Description - LA7795T

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
   Monolithic Linear IC AGC Amplifier with Step Gain Control
logo
LSI Computer Systems
LS7538 LSI-LS7538 Datasheet
26Kb / 4P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541 Datasheet
55Kb / 5P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7541 LSI-LS7541_07 Datasheet
355Kb / 6P
   TOUCH CONTROL STEP DIMMER LIGHT SWITCH WITH AUTOMATIC GAIN CONTROL (AGC)
LS7540 LSI-LS7540 Datasheet
59Kb / 5P
   TOUCH CONTROL CONTINUOUS DIMMER with AUTOMATIC GAIN CONTROL (AGC)
logo
National Semiconductor ...
CLC520 NSC-CLC520 Datasheet
609Kb / 8P
   Amplifier with Voltage Controlled Gain, AGCAmp
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
M/A-COM Technology Solu...
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com