Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9703W Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA9703W
Description  Front End Processor for DVD Player
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9703W Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA9703W Datasheet HTML 3Page - Sanyo Semicon Device LA9703W Datasheet HTML 4Page - Sanyo Semicon Device LA9703W Datasheet HTML 5Page - Sanyo Semicon Device LA9703W Datasheet HTML 6Page - Sanyo Semicon Device LA9703W Datasheet HTML 7Page - Sanyo Semicon Device LA9703W Datasheet HTML 8Page - Sanyo Semicon Device LA9703W Datasheet HTML 9Page - Sanyo Semicon Device LA9703W Datasheet HTML 10Page - Sanyo Semicon Device LA9703W Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LA9703W
No.7413-7/16
Pin Description
Pin No.
Pin name
Pin description
1
CAP
Customer OP amplifier + input
2
VCC
Power pin (for DPD)
3
PDRF
Pickup signal input
4
PD1
Pickup signal input
5
PD2
Pickup signal input
6
PD3
Pickup signal input
7
PD4
Pickup signal input
8
GND
Ground (for DPD)
9
FIN1
Pickup signal input
10
FIN2
Pickup signal input
11
PIN1
Pickup signal input
12
PIN2
Pickup signal input
13
TIN1
Pickup signal input
14
TIN2
Pickup signal input
15
LDD1
AP1 output
16
LDS1
APC1 monitor input
17
LDD2
APC2 output
18
LDS2
PC2 monitor input
19
GND
Ground (servo system)
20
LDTH
APC1 threshold changeover (H:VCC-1.5V, L: 180mV)
21
LDON1
APC1 laser ON pin (H: ON)
22
LDON2
APC2 laser ON pin (H: ON)
23
AGOF
RFAGC OFF pin (H: OFF)
24
BCA
PH discharge factor changeover (H: BCA mode)
25
GU
RF, servo signal gain-up pin (H: gain-up)
26
DVD/CD
RF-equalizer band changeover pin (H: DVD)
27
DPD/TE
TE output changeover pin (H: DPD)
28
WO/PP
WO output changeover pin (H: wobble)
29
VCC
Power pin (servo system)
30
TH
Tracking hold (H: hold)
31
XHTR
Tracking, bottom band changeover (L: high band)
32
SGC
Servo gain control pin (RREC, FE, PP, TE)
33
BST
Equalizer boost control pin
34
FC
Equalizer fo control pin
35
FEBL
FE balance control pin
36
TEBL
TE balance control pin
37
CP
Pin to connect resistor and capacitor to set charge pump gain
38
RREC
Reflection output
39
FE
Focus error output
40
TE
Tracking error output
41
WO
Wobble/push-pull output pin
42
PP
Push-pull output pin
43
PPN
Pin to connect resistor to set push-pull gain
44
WOC
DC cut capacity connection pin
45
ISET
Pin to connect resistor to set BPF central frequency
46
BH
RF bottom detection output
47
PH
RF peak detection output
48
SREFI
SREF setting pin
49
BCAI
Pin to connect resistor to set the peak hold detection constant
50
PHC
Pin to connect PH detection capacitor for RF-AGC
Continued on next page.


Similar Part No. - LA9703W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
More results

Similar Description - LA9703W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
   DVD Player Front End Processor
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com