Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9703W Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA9703W
Description  Front End Processor for DVD Player
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9703W Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA9703W Datasheet HTML 1Page - Sanyo Semicon Device LA9703W Datasheet HTML 2Page - Sanyo Semicon Device LA9703W Datasheet HTML 3Page - Sanyo Semicon Device LA9703W Datasheet HTML 4Page - Sanyo Semicon Device LA9703W Datasheet HTML 5Page - Sanyo Semicon Device LA9703W Datasheet HTML 6Page - Sanyo Semicon Device LA9703W Datasheet HTML 7Page - Sanyo Semicon Device LA9703W Datasheet HTML 8Page - Sanyo Semicon Device LA9703W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
92706 / O2605 MS OT B8-6304 No.7413-1/16
LA9703W
Overview
The LA9703W is an RF signal-processing and servo error signal generation IC for DVD and CD playback.
A DVD player can be implemented by combining this IC with a DVD DSP product that includes a digital servo DSP.
Functions
• Generation of RF signal (with built-in RFAGC circuit).
• Generation of RF - peak detection.
• Generation of RF - bottom detection (time constant changeover).
• RF equalizer incorporated (fO, boost variable).
• FE Amplifier (Balance Adjustment VCA Built in).
• 3-beam Tracking Error Amplifier (Balance Adjustment VCA Built in).
• Reflect Amplifier.
• DPD Circuit.
• Push-pull TE amplifier.
• Wobble detection BPF built in.
• APC Circuit (two channels).
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
6.0
V
Allowable power dissipation
Pd max
Ta
≤70°C(Mounted on a board *)
500
mW
Operating temperature
Topr
-20 to +70
°C
Storage temperature
Tstg
-40 to +150
°C
* Size: 114.3
×76.1×1.6 mm Material: Glass epoxy
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5.0
V
Operating supply voltage
VCC op
4.65 to 5.35
V
Ordering number : EN7413
Monolithic Linear IC
Front End Processor for
DVD Player
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - LA9703W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
More results

Similar Description - LA9703W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9702W SANYO-LA9702W Datasheet
493Kb / 10P
   DVD Player Front End Processor
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
logo
Panasonic Semiconductor
HUL6273 PANASONIC-HUL6273 Datasheet
81Kb / 3P
   For Car DVD Player Hologram Unit
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com