Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA70100M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA70100M
Description  SECAM Chroma-Signal Processor IC for VCR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA70100M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA70100M_06 Datasheet HTML 1Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 2Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 3Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 4Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 5Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 6Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 7Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 8Page - Sanyo Semicon Device LA70100M_06 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
N2206 / 92502 RM (IM) No.7204-1/16
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LA70100M
Overview
LA70100M is a SECAM method chroma-signal
processor for VCR applications, realizing reduction in
external parts count and adjustment free due to
integrated band-pass filter, SECAM discrimination
circuit, and BELL filter.
Features
• Integrates all filters required.
• Automatic adjustment BELL filter fo.
• Integrates SECAM discrimination circuit.
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7.0
V
Allowable power dissipation
Pd max
Ta≤65
°C
*440
mW
Operating temperature
Topr
-10 to +65
°C
Storage temperature
Tstg
-40 to +150
°C
* 114.3mm
×76.1mm×1.6mm when mounted on a grass epoxy PCB.
Package Dimensions
unit : mm
3073C-MFP30SD (375mil)
[ LA70100M ]
Ordering number : ENN7204
Monolithic Linear IC
SECAM Chroma-Signal Processor IC
for VCR


Similar Part No. - LA70100M_06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results

Similar Description - LA70100M_06

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
LA7358M SANYO-LA7358M Datasheet
433Kb / 17P
   Monolithic Linear IC For VCR SECAM Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52026SP MITSUBISHI-M52026SP Datasheet
870Kb / 13P
   SECAM CHROMA SIGNAL PROCESSOR
M51404AFP MITSUBISHI-M51404AFP Datasheet
289Kb / 10P
   SECAM SYSTEM CHROMA SIGNAL PROCESSOR
logo
Rohm
BA7207AS ROHM-BA7207AS Datasheet
250Kb / 17P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7337 SANYO-LA7337 Datasheet
123Kb / 7P
   SECAM-Format VCR Chroma Signal-Processing Circuit
logo
Rohm
BA7107 ROHM-BA7107 Datasheet
349Kb / 6P
   SECAM chroma signal processor for VHS VCRs
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com