Selected language     English  ▼


LA72670BM Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part No. LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 1 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
40507 MS PC B8-7419 No.A0644-1/20
LA72670BM
Overview
The LA72670BM is a HiFi sound signal processor with a built-in US multiplex modulation for VCR.
Functions
• US multiplex modulation
• HiFi sound signal processor
Specifications
Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum power supply voltage 1
VCCH max
9.6
V
Maximum power supply voltage 2
VCCL max
6V
Always power supply voltage
VCCA max
6V
Allowable power dissipation
Pd max
Ta=70
°C *
1300
mW
Operating ambient temperature
Topr
-10 to +70
°C
Storage ambient temperature
Tstg
-55 to +150
°C
* On board: 114.3mm
×76.1mm×1.6mm, glass epoxy board.
Monolithic Linear IC
US multiplex modulation for VCR
HiFi Sound Signal Processor
Ordering number : ENA0644




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl