Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA72670BM Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LA72670BM
Description  US multiplex modulation for VCR HiFi Sound Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72670BM Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LA72670BM Datasheet HTML 12Page - Sanyo Semicon Device LA72670BM Datasheet HTML 13Page - Sanyo Semicon Device LA72670BM Datasheet HTML 14Page - Sanyo Semicon Device LA72670BM Datasheet HTML 15Page - Sanyo Semicon Device LA72670BM Datasheet HTML 16Page - Sanyo Semicon Device LA72670BM Datasheet HTML 17Page - Sanyo Semicon Device LA72670BM Datasheet HTML 18Page - Sanyo Semicon Device LA72670BM Datasheet HTML 19Page - Sanyo Semicon Device LA72670BM Datasheet HTML 20Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LA72670BM
PS No.A0644-20/20
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
tHD:STA
tSU:STA
tLOW
tR
tF
tHIGH
tHD:DATA
tSU:DATA
tBUF
tSU:STO
SCL
SDA
(4) SERIAL INPUT SIGNAL FORMAT
Parameter
Symbol
min
max
unit
LOW level input voltage
VIL
-0.5
1.5
V
HIGH level input voltage
VIH
3.0
5.5
V
LOW level output current
IOL
-
3.0
mA
SCL clock frequency
fSCL
0
100
kHz
Set-up time for a repeated START condition
tSU:STA
4.7
µs
Hold time START condition. After this period, the first clock pulse is generated
tHD:STA
4.0
µs
LOW period of the SCL clock
tLOW
4.7
µs
Rise time of both SDA and SDL signals
tR
0
1.0
µs
HIGH period of the SCL clock
tHIGH
4.0
-
µs
Fall time of both SDA and SDL signals
tF
0
1.0
µs
Data hold time:
tHD:DAT
0
-
µs
Data set-up time
tSU:DAT
250
-
ns
Set-up time for STOP condition
tSU:STO
4.0
-
µs
BUS free time between a STOP and START condition
tBUF
4.7
-
µs
(5) Definition of timing
This catalog provides information as of April, 2007. Specifications and information herein are subject
to change without notice.


Similar Part No. - LA72670BM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA72648M SANYO-LA72648M Datasheet
461Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Procissing
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
LA72648M SANYO-LA72648M_06 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record
LA72648M SANYO-LA72648M_07 Datasheet
152Kb / 2P
   PAL Hi-Fi Audio Signal Record and Playback Processing
More results

Similar Description - LA72670BM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3672NFBP PANASONIC-AN3672NFBP Datasheet
229Kb / 29P
   Audio signal processor IC for HiFi VCR incorporating EIAJ sound multiplex system
logo
Sanyo Semicon Device
LA72680M SANYO-LA72680M Datasheet
329Kb / 21P
   JAPAN TV Sound Multiplex Demodulation HiFi Sound Signal Processor
logo
NEC
UPC1391H NEC-UPC1391H Datasheet
269Kb / 4P
   SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Panasonic Semiconductor
AN3664NFB PANASONIC-AN3664NFB Datasheet
192Kb / 22P
   Single chip audio signal processing IC for HiFi VCR
AN3969K PANASONIC-AN3969K Datasheet
83Kb / 9P
   Electronic volume IC for HiFi VCR
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M_07 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
LA70100M SANYO-LA70100M Datasheet
612Kb / 16P
   SECAM CHROMA- SIGNAL PROCESSOR IC FOR VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com