Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73024AV Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA73024AV
Description  Double Scart Interface IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73024AV Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA73024AV Datasheet HTML 4Page - Sanyo Semicon Device LA73024AV Datasheet HTML 5Page - Sanyo Semicon Device LA73024AV Datasheet HTML 6Page - Sanyo Semicon Device LA73024AV Datasheet HTML 7Page - Sanyo Semicon Device LA73024AV Datasheet HTML 8Page - Sanyo Semicon Device LA73024AV Datasheet HTML 9Page - Sanyo Semicon Device LA73024AV Datasheet HTML 10Page - Sanyo Semicon Device LA73024AV Datasheet HTML 11Page - Sanyo Semicon Device LA73024AV Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LA73024AV
No.A0238-9/12
Serial Control Specification
Slave address
MSB
LSB
1
0
0
1
0
0
0
0
Slave receiver
Data format
S
Slave address (8bit)
A
Sub address (8bit)
A
Data address (8bit)
A
P
Start condition
Acknowledge
Stop condition
Sub address and data byte table
Data byte (Underline is initial setting.)
Sub address
Hexadecimal
D8
D7
D6
D5
D4
D3
D2
D1
01
(0000 0001)
SW1
00: C
01: B
10: A
11: A
SW2
00: D
01: C
10: B
11: A
SW3
00: C
01: B
10: A
11: *
FSSOUT
00: HIGH
01: HIGH
10: MID
11: LOW
02
(0000 0010)
EXT
CTL1
0: L
1: H
EXT
CTL2
0: L
1: H
AMP GAIN
VPS OUT
0: 0dB
1: 6dB
AUDIO AMP GAIN1
(DEC OUT)
000: 0dB
001: 2dB
010: 4dB
011: 6dB
100:12dB
AUDIO AMP GAIN2
(EXT OUT)
00: 0dB
01: 2dB
10: 4dB
11: 6dB
03
(0000 0011)
MUTE1
VSW1 OUT
0: through
1: MUTE
MUTE2
VSW2 OUT
0: through
1: MUTE
MUTE3
VSW3 OUT
0: through
1: MUTE
MUTE4
ASW1 OUT
0: through
1: MUTE
MUTE5
ASW2 OUT
0: through
1: MUTE
MUTE6
ASW3 OUT
0: through
1: MUTE
EXT
CTL3
0: L
1: H
EXT
CTL4
0: L
1: H
Data transfer
I
2C-BUS control system is adopted in SW IC and SW IC is controlled by SCL (Serial Clock) and SDA (Serial Data) At
first, please set up the START condition
*1 by these two terminals (SCL and SDA). And next, please input the 8bits data
which should be synchronized with SCL into SDA terminal. Still more, please give priority to high rank bit at data
transfer order (MSB
→ LSB). The 9th bit is called as ACK (Acknowledge), SW IC sends [0] to the SDA terminal
during SCL [1] period. So, please open the port of micro-processor during this period. LA73024AV adopt
auto-increment, so you input only first sub-address data (called as Group) and you can transfer data in order. As thus
the Data transfer Stop condition
*2 is finished.
*1 SDA rise up during SCI is [1]
*2 SDA fall down during SCL is [1]


Similar Part No. - LA73024AV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
More results

Similar Description - LA73024AV

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
   DOUBLE SCART INTERFACE
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA8007B PHILIPS-TDA8007B Datasheet
159Kb / 36P
   Double multiprotocol IC card interface
2000 Nov 09
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Sony Corporation
CXD3508ATQ SONY-CXD3508ATQ Datasheet
254Kb / 18P
   LCD Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com