Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73031V Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA73031V
Description  For DVD Recorder Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73031V Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA73031V Datasheet HTML 2Page - Sanyo Semicon Device LA73031V Datasheet HTML 3Page - Sanyo Semicon Device LA73031V Datasheet HTML 4Page - Sanyo Semicon Device LA73031V Datasheet HTML 5Page - Sanyo Semicon Device LA73031V Datasheet HTML 6Page - Sanyo Semicon Device LA73031V Datasheet HTML 7Page - Sanyo Semicon Device LA73031V Datasheet HTML 8Page - Sanyo Semicon Device LA73031V Datasheet HTML 9Page - Sanyo Semicon Device LA73031V Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LA73031V
No.A0240-7/10
Continued from preceding page.
Pin
No.
Pin name
Signal wave form
DC voltage AC level
Equivalent circuit
2.9V
10
12
14
16
C-IN2
C-IN3
C-IN4
C-IN5
DC
No signal: 2.9V
11
30
35
41
VCC4
VCC2
VCC3
VCC1
13
27
32
37
GND4
GND2
GND3
GND1
15
REG
DC
2.5V
0dB: 1.6V
6dB: 2.1V
18
20
22
24
26
Y-IN1
Y-IN2
Y-IN3
Y-IN4
Y-IN5
DC
No signal: 1.6V
25
TEST MODE-CTL
GND
Continued on next page.


Similar Part No. - LA73031V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
   Video Signal Input Switch
July, 2013
More results

Similar Description - LA73031V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV71081E SANYO-LV71081E_11 Datasheet
423Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV71081E SANYO-LV71081E Datasheet
387Kb / 31P
   For Video/Audio Signal Input/ Output Interface of DVD Recorder
LV7107M SANYO-LV7107M Datasheet
916Kb / 35P
   Bi-CMOS IC For Video/Audio Signal Input/ Output Interface of DVD Recorder
logo
Panasonic Semiconductor
DMR-ES10EB PANASONIC-DMR-ES10EB Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
logo
Rohm
BH7602FS ROHM-BH7602FS Datasheet
306Kb / 6P
   Wide Bandwidth video Driver for DVD recorder
BD3825FS ROHM-BD3825FS Datasheet
200Kb / 6P
   Audio Switch IC for DVD Recorder
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
BH7625KS2 ROHM-BH7625KS2 Datasheet
414Kb / 6P
   Input switching interface LSI for the DVD recorder
logo
ON Semiconductor
LA73031V ONSEMI-LA73031V Datasheet
436Kb / 10P
   Video Signal Input Switch
July, 2013
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
   Video Signal Driver for DVD Player MM1623XFBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com