Selected language     English  ā–¼


LA73031V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part No. LA73031V
Description  For DVD Recorder Video Signal Input Switch
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 6 page
background image
LA73031V
No.A0240-6/10
Pin Functions
Pin
No.
Pin name
Signal wave form
DC voltage AC level
Equivalent circuit
0dB: 1.6V
6dB: 2.1V
1
3
40
42
44
CVBS-IN4
CVBS-IN5
CVBS-IN1
CVBS-IN2
CVBS-IN3
DC
No signal: 1.6V
2
V-DET-CTL
DC
1.7 to 2.0V
4
COMPONENT-H
DC
Except component
mode: 0V
Component mode: 5V
7
GAIN-CTL
DC
0dB: 0V
6dB: 5V
9
Y-OUT-SEL
DC
Y output: 0V
CVBS output :5V
17
19
21
INSEL1
INSEL2
INSEL3
DC
Low: 0V
High: 5V
23
STAND-BY-H
DC
Normal mode: 0V
Standby mode: 5V
28
LPF-CTL
DC
LPF-ON: 0V
LPF-OFF: 5V
0dB: 3.0V
6dB: 2.9V
6
Cb-IN
DC
No signal: 1.6V
0dB: 3.0V
6dB: 2.9V
8
C-IN1/
Cr-IN
DC
No signal: 1.6V
Continued on next page.




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl