Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW03C15 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZW03C15
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03C15 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZW03C15 Datasheet HTML 1Page - Vishay Siliconix BZW03C15 Datasheet HTML 2Page - Vishay Siliconix BZW03C15 Datasheet HTML 3Page - Vishay Siliconix BZW03C15 Datasheet HTML 4Page - Vishay Siliconix BZW03C15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number 85602
Rev. 1.5, 26-Aug-10
BZW03-Series
Vishay Semiconductors
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Typical Characteristics (Tamb = 25 °C, unless otherwise specified)
Package Dimensions in millimeters (inches): SOD-64
Figure 1. Epoxy Glass Hard Tissue, Board Thickness 1.5 mm,
RthJA ≤ 70 K/W
Figure 2. Total Power Dissipation vs. Ambient Temperature
37.5
50
3
2
50
7
94 9087
0
0
2
4
6
8
95 9608
40
80
120
160
Tamb –Ambient Temperature ( °C )
200
ll
TL=constant
l=10mm
see Fig.1
15mm
20mm
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Non Repetitive Surge Power Dissipation vs.
Pulse Length
0
0.5
1.0
1.5
0
1
2
3
4
6
2.0
95 9609
VF – Forward Voltage ( V )
5
Tj=25°C
0.01
0.1
1
10
10
100
1000
10 000
tp –Pulse Length ( ms )
100
95 9610
tp
Tj=25°C
Cathode Identification
4.3 (0.168)max.
1.35 (0.053) max.
4 (0.156) max.
Sintered Glass Case
SOD-64
26(1.014) min.
26 (1.014) min.
Document-No.: 6.563-5006.4-4
Rev. 3 - Date: 09.February.2005
94 9587


Similar Part No. - BZW03C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZW03C15 VISHAY-BZW03C15 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C15 VISHAY-BZW03C15 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
logo
SUNMATE electronic Co.,...
BZW03C15 SUNMATE-BZW03C15 Datasheet
395Kb / 2P
   AXIAL LEADED SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
BZW03C15 NJSEMI-BZW03C15 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C150 VISHAY-BZW03C150 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Similar Description - BZW03C15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com