Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA75501V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LA75501V
Description  For Use in TV/VTR Applications VIF/SIF Signal Processing IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA75501V Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LA75501V Datasheet HTML 2Page - Sanyo Semicon Device LA75501V Datasheet HTML 3Page - Sanyo Semicon Device LA75501V Datasheet HTML 4Page - Sanyo Semicon Device LA75501V Datasheet HTML 5Page - Sanyo Semicon Device LA75501V Datasheet HTML 6Page - Sanyo Semicon Device LA75501V Datasheet HTML 7Page - Sanyo Semicon Device LA75501V Datasheet HTML 8Page - Sanyo Semicon Device LA75501V Datasheet HTML 9Page - Sanyo Semicon Device LA75501V Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
LA75501V
PS No.A0224-10/10
S7.S8. PAL, NT de-emphasis [Pdeem, Ndeem]
(1) External AGC (V18 = VCC)
(2) fs = 5.5MHz fm = 3kHz
∆F = ±30kHz
(SIF input Vi = 31.6mVrms)
(3) Open system switches (A (pin 13) and B (pin 14)). (BG mode)
(4) Measure the FM detector output voltage at test point D. ····· Vp
(5) Calculate as follows:
Pdeem (dB) = Vp
− VO (FM)
(6) fs = 4.5MHz fm = 2kHz
∆F = ±30kHz
(SIF input Vi = 31.6mVrms)
(7) Set system switches [A (pin 13) and B (pin 14)] to GND. (NT mode)
(8) Measure the FM detector output voltage at test point D. ····· Vp
(9) Calculate as follows:
Ndeem (dB) = Vnt
− VO (FM)
S9. PAL/NT Audio voltage gain difference [GD]
(1) External AGC (V18 =VCC)
(2) fs = 4.5MHz fm = 400Hz
∆F = ±30kHz
(SIF input Vi = 31.6mVrms)
(3) Set system switches [A (pin 13) and B (pin 14)] to GND.
(4) Measure the FM detector output voltage at test point D. ····· Vnt
(5) Calculate as follows:
GD (db) = Vnt
− VO (FM)
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the
performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted
in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer's
products or equipment.
SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any
and all semiconductor products fail with some probability. It is possible that these probabilistic failures
could give rise to accidents or events that could endanger human lives, that could give rise to smoke or
fire, or that could cause damage to other property. When designing equipment, adopt safety measures
so that these kinds of accidents or events cannot occur. Such measures include but are not limited to
protective circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO Semiconductor products (including technical data,services) described
or contained herein are controlled under any of applicable local export control laws and regulations, such
products must not be exported without obtaining the export license from the authorities concerned in
accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or
otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO Semiconductor product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not
guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and
reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual
property rights or other rights of third parties.
This catalog provides information as of February, 2006. Specifications and information herein are subject
to change without notice.


Similar Part No. - LA75501V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
More results

Similar Description - LA75501V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75501V SANYO-LA75501V_07 Datasheet
204Kb / 10P
   For Use in TV/VTR Applications VIF/SIF Signal Processing IC
LA75695VA SANYO-LA75695VA Datasheet
286Kb / 12P
   For Use in TV/VTR Applications IF Signal Processing (VIFSIFSIF converter)
LA75501 SANYO-LA75501 Datasheet
118Kb / 11P
   For Use in TV/VCR Applications VIF/SIF Signal Processing IC
LA7530N SANYO-LA7530N Datasheet
87Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VTR Use
LA75694M SANYO-LA75694M Datasheet
232Kb / 10P
   For Use in TV/VTR Applications IF Signal Processing (VIF/SIF for Hi-Fi)
LA7550 SANYO-LA7550 Datasheet
285Kb / 3P
   IF Signal Processing (VIFSIF) Cricuit for TV/VTR
LA75600VA SANYO-LA75600VA Datasheet
390Kb / 16P
   Monolithic Linear IC IF Signal Processing (VIF/SIF) IC for use in TV/VCR Applications
LA7520 SANYO-LA7520 Datasheet
65Kb / 2P
   VIFSIF Circuit for TV, VTR Applications
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA75525AVA SANYO-LA75525AVA Datasheet
177Kb / 10P
   VIF/SIF Signal-Processing IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com