Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA79500E Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA79500E
Description  For TV 6-input, 3-output Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79500E Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA79500E Datasheet HTML 1Page - Sanyo Semicon Device LA79500E Datasheet HTML 2Page - Sanyo Semicon Device LA79500E Datasheet HTML 3Page - Sanyo Semicon Device LA79500E Datasheet HTML 4Page - Sanyo Semicon Device LA79500E Datasheet HTML 5Page - Sanyo Semicon Device LA79500E Datasheet HTML 6Page - Sanyo Semicon Device LA79500E Datasheet HTML 7Page - Sanyo Semicon Device LA79500E Datasheet HTML 8Page - Sanyo Semicon Device LA79500E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LA79500E
No.A0259-5/16
Pin Description
Pin No.
Symbol
Pin Voltage (V)
Description
Equivalent circuit
71
75
78
6
14
34
TV1
TV2
CV1
CV2
CV3
CV4
2.5
Video signal inputs.
Input composite video signals.
80
8
16
36
21
28
Y1
Y2
Y3
Y4
Y5
Y6
2.5
Y/C separation signal inputs.
Input luminance signals.
2
10
18
38
C1
C2
C3
C4
2.8
Y/C separation signal inputs.
Input chrominance signals.
70, 72
74, 76
79, 1
7, 9
15, 17
35, 37
22, 24
29, 31
TV1L, TV1R
TV2L, TV2R
V1L, V1R
V2L, V2R
V3L, V3R
V4L, V4R
CP5L, CP5R
CP6L, CP6R
5.8
Audio signal inputs.
25
23
32
30
PR5
PB5
PR6
PB6
2.5
Component PB/PR inputs.
64
56
46
VOUT1
VOUT2
VOUT3
2.5
Video signal outputs.
Output composite video signals.
Continued on next page.


Similar Part No. - LA79500E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7950 SANYO-LA7950 Datasheet
60Kb / 3P
   TV Field Frequency Discriminator
More results

Similar Description - LA79500E

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2596 NJRC-NJM2596 Datasheet
65Kb / 7P
   5-INPUT 3-OUTPUT VIDEO SWITCH FOR S2
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2279 NJRC-NJM2279 Datasheet
345Kb / 10P
   3-INPUT 2-OUTPUT VIDEO SWITCH FOR AV-SET
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
NJM2296 NJRC-NJM2296 Datasheet
281Kb / 8P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2521 NJRC-NJM2521 Datasheet
127Kb / 3P
   3-INPUT 1-OUTPUT AUDIO SWITCH?
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com