Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1641 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB1641
Description  Bidirectional Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1641 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB1641 Datasheet HTML 1Page - Sanyo Semicon Device LB1641 Datasheet HTML 2Page - Sanyo Semicon Device LB1641 Datasheet HTML 3Page - Sanyo Semicon Device LB1641 Datasheet HTML 4Page - Sanyo Semicon Device LB1641 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LB1641
No.2757-4/5
0
6
5
4
3
1
2
8
7
20
24
0
4
8
12
16
0
2.4
1.6
0.8
4.0
3.2
1.6
1.2
2.0
0
0.4
0.8
0
6
5
3
4
2
1
8
7
120
80
160
040
0
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
1.6
1.2
2.0
0
0.4
0.8
VCC = 12V
VCC = 12V
0
12
8
10
6
4
2
18
14
16
16
12
20
048
-40
VCC = 18V
IOUT = 0.3V
ICC -- VCC
Vsat1 -- IO
Vsat2 -- IO
ICC -- Ta
VO -- VZ
Supply voltage, VCC -- V
Ambient temperature, Ta --
°C
Output current, IO --A
Output current, IO --A
Zener voltage, VZ -- V


Similar Part No. - LB1641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
LB1641 SANYO-LB1641 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
More results

Similar Description - LB1641

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1645N SANYO-LB1645N Datasheet
76Kb / 3P
   Bidirectional Motor Driver?
LB1641 SANYO-LB1641_12 Datasheet
79Kb / 5P
   Bidirectional Motor Driver
logo
ON Semiconductor
ENA2016 ONSEMI-ENA2016 Datasheet
114Kb / 4P
   Bidirectional Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1830MC SANYO-LB1830MC Datasheet
80Kb / 4P
   Bidirectional Motor Driver
LB1638 SANYO-LB1638_12 Datasheet
60Kb / 4P
   Bidirectional Motor Driver
logo
Fujitsu Component Limit...
MB3763 FUJITSU-MB3763 Datasheet
89Kb / 11P
   Bidirectional Motor Driver
logo
Sanyo Semicon Device
LB1641 SANYO-LB1641 Datasheet
75Kb / 4P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M ONSEMI-LB1838M Datasheet
82Kb / 5P
   Bidirectional Motor Driver
June, 2013
logo
Fujitsu Component Limit...
MB3763H FUJITSU-MB3763H Datasheet
76Kb / 11P
   Bidirectional Motor Driver
logo
ON Semiconductor
LB1830MC ONSEMI-LB1830MC Datasheet
67Kb / 4P
   Bidirectional Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com