Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CQY36N Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CQY36N
Description  Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CQY36N Datasheet(HTML) 3 Page - Vishay Siliconix

  CQY36N Datasheet HTML 1Page - Vishay Siliconix CQY36N Datasheet HTML 2Page - Vishay Siliconix CQY36N Datasheet HTML 3Page - Vishay Siliconix CQY36N Datasheet HTML 4Page - Vishay Siliconix CQY36N Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 81001
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.8, 16-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CQY36N
Infrared Emitting Diode, RoHS
Compliant, 950 nm, GaAs
Vishay Semiconductors
Fig. 5 - Radiant Intensity vs. Forward Current
Fig. 6 - Radiant Power vs. Forward Current
Fig. 7 - Relative Radiant Intensity/Power vs. Ambient Temperature
Fig. 8 - Relative Radiant Power vs. Wavelength
Fig. 9 - Relative Radiant Intensity vs. Angular Displacement
94 7917
103
101
102
104
100
0.1
1
10
100
IF – Forward Current (mA)
0.1
1
10
100
110
100
1000
13718
IF - Forward Current (mA)
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 7993
IF = 20 mA
Tamb - Ambient Temperature (°C)
900
950
0
0.25
0.5
0.75
1.0
1.25
λ - Wavelength (nm)
1000
94 7994
I
F = 100 mA
0.4
0.2
0
0.2
0.4
0.6
94 7919
0.6
0.9
0.8
30°
10
°
20
°
40°
50°
60°
70°
80°
0.7
1.0


Similar Part No. - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CQY36N VISHAY-CQY36N Datasheet
120Kb / 6P
   GaAs Infrared Emitting Diode in Miniature (T-3/4) Package
Rev. 1.4, 08-Mar-05
CQY36N VISHAY-CQY36N Datasheet
99Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.7, 04-Sep-08
CQY36N VISHAY-CQY36N Datasheet
98Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
CQY36N VISHAY-CQY36N Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_08 Datasheet
99Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.7, 04-Sep-08
More results

Similar Description - CQY36N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSUS4400 VISHAY-TSUS4400_08 Datasheet
108Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
TSUS5400 VISHAY-TSUS5400_08 Datasheet
110Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 05-Sep-08
VSMS3700 VISHAY-VSMS3700 Datasheet
140Kb / 7P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.2, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V02 Datasheet
142Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY36N VISHAY-CQY36N_V02 Datasheet
97Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
CQY37N VISHAY-CQY37N_08 Datasheet
293Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.6, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_08 Datasheet
149Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
TSTS7100 VISHAY-TSTS7100_V01 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2022
TSTS7300 VISHAY-TSTS7300_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
01-Jan-2023
TSTS7500 VISHAY-TSTS7500_08 Datasheet
146Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
Rev. 1.8, 04-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com