Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1928 Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LB1928
Description  For Office Automation Equipment 3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1928 Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LB1928 Datasheet HTML 3Page - Sanyo Semicon Device LB1928 Datasheet HTML 4Page - Sanyo Semicon Device LB1928 Datasheet HTML 5Page - Sanyo Semicon Device LB1928 Datasheet HTML 6Page - Sanyo Semicon Device LB1928 Datasheet HTML 7Page - Sanyo Semicon Device LB1928 Datasheet HTML 8Page - Sanyo Semicon Device LB1928 Datasheet HTML 9Page - Sanyo Semicon Device LB1928 Datasheet HTML 10Page - Sanyo Semicon Device LB1928 Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LB1928
PS No.6197-11/11
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellctual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
11. Power supply stabilization
Because this IC provides a high output current and uses a switching drive technique, power supply line fluctuations
can occur easily. Therefore, a capacitor of sufficient capacitance (several ten
µF or higher) must be connected
between the VCC pin and ground to assure stable operation. The ground connection of this capacitor must be
connected to the GND2 pin, which is the power block ground, at a point as close as possible to the IC. If, due to
problems associated with the heat sink, the (electrolytic) capacitor cannot be connected near the this pin, a ceramic
capacitor of about 0.1
µF must be connected near the pin.
Since the likelihood of power line fluctuation increases if diodes are inserted in the power supply lines to prevent
destruction of the IC if power is connected with reverse polarity, a larger capacitance will be required.
12. VREG stabilization
A capacitor (about 0.1
µF) must be connected to the VREG pin (the 5V regulator output), which functions as the
control circuit power supply, for stabilization. The ground side of this capacitor must be connected to the GND1 pin
with a lead that is as short as possible.
13. Integrating amplifier related component values
The external components used in the integrating amplifier must be located as close as possible to the IC to
minimize the circuit’s susceptibility to noise. These components must be located as far as possible from the motor.
This catalog provides information as of December, 2008. Specifications and information herein are subject to
change without notice.


Similar Part No. - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
logo
ON Semiconductor
LB1928 ONSEMI-LB1928 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB1928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com