Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1929 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1929
Description  For Office Automation Equipment 3-phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1929 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1929_08 Datasheet HTML 1Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 2Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 3Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 4Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 5Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 6Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 7Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 8Page - Sanyo Semicon Device LB1929_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
D0308 MS JM/71202RM(OT) No.7099-1/11
LB1929
Overview
The LB1929 is a 3-phase brushless motor driver well suited for drum and paper feed motors in laser printers, plain-paper
copiers and other office automation equipment. Direct PWM drive allows control with low power losses. Peripheral circuitry
including speed control circuit and FG amplifier is integrated, thus allows drive circuit to be constructed with a single chip.
Features
• 3-phase bipolar drive (30V, 3.5A)
• Direct PWM drive technique
• Built-in diode for absorbing output lower-side kickback
• Speed discriminator and PLL speed control
• Speed lock detection output
• Built-in forward/reverse switching circuit
• Built-in protection circuitry includes current limiter, overheat protection, motor restraint protection, etc.
Specifications
Absolute Maximum Ratings
at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
30
V
Maximum output current
IO max
T
≤ 500ms
3.5
A
Allowable power dissipation 1
Pd max 1
Independent IC
3
W
Allowable power dissipation 2
Pd max 2
With an arbitrary large heat sink
20
W
Operating temperature
Topr
-20 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
Monolithic Digital IC
For Office Automation Equipment
3-phase Brushless Motor Driver
Ordering number : EN7099A


Similar Part No. - LB1929_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
logo
ON Semiconductor
LB1929 ONSEMI-LB1929 Datasheet
272Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB1929_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB1924 SANYO-LB1924 Datasheet
133Kb / 11P
   Power Brushless Motor Driver IC for Office Automation Equipment
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1976 SANYO-LB1976_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com