Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1945H Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1945H
Description  PWM Current Control Type Stepping Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1945H Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1945H_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 5Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 6Page - Sanyo Semicon Device LB1945H_09 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB1945H
No.6193-6/7
Application Circuit Example
24
23
22
21
15
16
17
18
19
20
1
2 OUTA
3 NC
4NC
5 E1
6 D-GND
7VBB1
8
14
13
12
11
10
9
OUTB
NC
NC
VBB2
E2
D-GND
VCC
PHASE1
ENABLE1
IA2
IA1
VREF1
GND
28
27
26
25
CR
PHASE2
ENABLE2
IB2
IB1
VREF2
S-GND
OUTB
LB1945H
OUTA
0.51
Ω(1W)
24V
47
µF
5V
10
µF
0.1
µF
L
820pF
0.51
Ω(1W)
82k
L
Voltage from 1.5 to
5V can be applied.
The fin on the bottom of HSOP-28H package and the fins between pins 7 and 8 and 21 and 22 should be grounded.


Similar Part No. - LB1945H_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
More results

Similar Description - LB1945H_09

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1847 SANYO-LB1847 Datasheet
128Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1847 SANYO-LB1847_09 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
logo
ON Semiconductor
LB1847 ONSEMI-LB1847 Datasheet
137Kb / 15P
   PWM Current Control Type Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11847 SANYO-LB11847_08 Datasheet
172Kb / 15P
   PWM Current Control Type Stepping Motor Driver
LB11847 SANYO-LB11847 Datasheet
112Kb / 16P
   PWM Current Control Type Stepping Motor Driver
LB1945H SANYO-LB1945H Datasheet
48Kb / 7P
   PWM Current Control Type Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946_09 Datasheet
132Kb / 14P
   PWM Current Control Stepping Motor Driver
LV8740V SANYO-LV8740V Datasheet
318Kb / 23P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com