Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11826 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LB11826
Description  For OA Products Three-Phase Brushless Motor Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11826 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LB11826_08 Datasheet HTML 1Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 2Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 3Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 4Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 5Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 6Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 7Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 8Page - Sanyo Semicon Device LB11826_08 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LB11826
No.7109-4/11
Package Dimensions
unit : mm (typ)
3174C
Pin Assignment
Truth Table
Source
F/R= L
F/R= H
Sink
IN1
IN2
IN3
IN1
IN2
IN3
1
OUT2
→ OUT1
H
L
H
L
H
L
2
OUT3
→OUT1
H
L
L
L
H
H
3
OUT3
→ OUT2
H
H
L
L
L
H
4
OUT1
→ OUT2
L
H
L
H
L
H
5
OUT1
→ OUT3
L
H
H
H
L
L
6
OUT2
→ OUT3
L
L
H
H
H
L
The relation between the clock frequency, fCLK, and the FG frequency, fFG, is given by the following equation.
fFG (servo) = fCLK/<number of counts>
= fCLK/512
SANYO : DIP28H(500mil)
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
020
– 20
40
60
100
80
0
12
4
16
20
8
24
Ambient temperature, Ta – °C
Pd max – Ta
3
Infinitely large heat sink
With no heat sink
LB11826
28
OUT1
27
F/R
26
IN3+
25
IN3-
24
IN2+
23
IN2-
22
IN1+
21
IN1-
20
GND1
19
S/S
18
FGIN+
17
FGIN-
16
FGOUT
15
LD
1
OUT2
2
OUT3
3
GND2
4
VCC
5
VM
6
VREG
7
PWM
8
CSD
9
XI
10
XO
11
INTOUT
12
INTIN
13
POUT
14
DOUT
Top view


Similar Part No. - LB11826_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11826 SANYO-LB11826 Datasheet
478Kb / 11P
   LB11826
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB11826_08

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1929 SANYO-LB1929 Datasheet
104Kb / 12P
   Three-Phase Brushless Motor Driver for OA Products
LB11922 SANYO-LB11922_08 Datasheet
185Kb / 15P
   For OA Products Three-Phase Brushless Motor Driver
LB11822 SANYO-LB11822 Datasheet
151Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11827 SANYO-LB11827 Datasheet
144Kb / 11P
   Three-Phase Brushless Motor Driver for OA Products
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com