Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86F3448B Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC86F3448B
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86F3448B Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC86F3448B Datasheet HTML 5Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 6Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 7Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 8Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 9Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 10Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 11Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 12Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC86F3448B
No.A0120-9/21
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in
port 1.
User Options
User options can be changed using Flash Memory data.
A kind of option
Pin, Circuits
Port 0
(Specified in a bit)
1. Input: Without pull-up MOS Tr.
Output: N-channel open drain
2. Input: With pull-up MOS Tr.
Output: CMOS
Input/output form of
input/output ports
Port 1
(Specified in a bit)
1. Input: With programmable pull-up MOS Tr.
Output: N-channel open drain
2. Input: With programmable pull-up MOS Tr.
Output: CMOS
Notice for Use
• Input level of terminal RES at power on
Terminal RES must be held low for at least 200µs after the supply voltage exceeds the power supply lower limit.
• Difference between the Mask version and Flash version
1. The operation after release of reset: The mask version operates the program from the address 0 in the
program counter as soon as detecting the H level on the reset port.
The flash version operates the program from the address 0 in the program
counter after setting the option.
2. Current dissipation :
Please refer to the latest semiconductor news.
• Conditions during reset and after release of reset
Port options are set using Flash Memory data.
Port options are set internally within approximately 3ms after logic HIGH is applied to the RESET terminal. The
configuration of the port outputs change over the duration of this period. Then the Program Counter is set to 0 and
program execution begins.
During reset, and in the few hundred milliseconds after reset is released, the port options on certain of the ports will
not yet have been set. The conditions of the various ports during reset or on release of reset have been collected in
the following table. Please refer to it when analyzing circuits where these conditions apply.
Power supply
RES
200
µs or more
VDD limit
0V


Similar Part No. - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86F3248A SANYO-LC86F3248A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3264A SANYO-LC86F3264A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3548A SANYO-LC86F3548A Datasheet
612Kb / 22P
   LC86F3548A
LC86F3G64A SANYO-LC86F3G64A Datasheet
199Kb / 25P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com