Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC86F3448B Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC86F3448B
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC86F3448B Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC86F3448B Datasheet HTML 1Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 2Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 3Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 4Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 5Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 6Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 7Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 8Page - Sanyo Semicon Device LC86F3448B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LC86F3448B
No.A0120-5/21
Applicable Mask ROM Version
• LC863448 / LC863440 / LC863432 / LC863428 / LC863424/ LC863420 / LC863416
• LC863548 / LC863540 / LC863532 / LC863528 / LC863524/ LC863520 / LC863516
Package
• MFP36SDJ (Lead-free type)
• DIP36S (Lead-free type)
Development Tools
• Evaluation chip:
LC863096
• Emulator:
EVA86000 (main) + ECB863400 (evaluation chip board)
+ POD36-CABLE (cable)
+ POD36-DIP (for DIP36S)
or POD36-MFP (for MFP36SDJ)
Write Flash Memory
SANYO provides special services including writing data to Flash Memory and stamping.
There is a charge for these services.
Please feel free to ask our sales persons for details.
Package Dimensions
unit : mm (typ)
3263
SANYO : MFP36SDJ(375mil)
1
18
36
19
0.8
15.2
0.3
0.25
(0.8)


Similar Part No. - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC86F3248A SANYO-LC86F3248A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3264A SANYO-LC86F3264A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC86F3548A SANYO-LC86F3548A Datasheet
612Kb / 22P
   LC86F3548A
LC86F3G64A SANYO-LC86F3G64A Datasheet
199Kb / 25P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC86F3448B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com