Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1HC8A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC87F1HC8A
Description  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC87F1HC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LC87F1HC8A
No.A0956-3/27
Continued from preceding page.
• SIO9: Synchronous serial interface
1) LSB first/MSB first mode selectable
2) Transfer clock cycle: 4/3 to 1020/3 tCYC
3) Automatic continuous data transmission (1 to 4096 bytes, specifiable in 1 byte units)
(Suspension and resumption of data transmission possible in 1 byte units or word units)
4) Auto-start-on-falling-edge function
5) Clock polarity selectable
6) CRC16 calculator circuit built in
Full Duplex UART
1) Data length: 7/8/9 bits selectable
2) Stop bits:
1 bit (2 bits in continuous transmission mode)
3) Baud rate:
16/3 to 8192/3 tCYC
AD Converter: 8 bits
× 12 channels
PWM: Multifrequency 12-bit PWM
× 2 channels
Infrared Remote Control Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
μs when the 32.768kHz crystal oscillator is
selected as the base clock)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding.
3) X'tal HOLD mode reset function
USB Interface (host control function)
1) Compliant with full-speed (12M bps) specifications
2) Supports 4 transfer types (control transfer, bulk transfer, interrupt transfer, and isochronous transfer).
Audio Interface
1) Sampling frequency (fs):
32kHz, 44.1kHz, 48kHz
2) Master clock frequency (internal PLL): 12.288MHz, 16.9344MHz, 18.432MHz
3) Bit clock selectable:
48fs/64fs
4) Data bit length:
16/18/20/24 bits
5) LSB first/MSB firsts selectable
6) Left-justification/right-justification selectable
Watchdog Timer
• Watchdog timer using external RC circuitry
• Interrupt and reset signals selectable
Clock Output Function
1) Can output a clock with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillator clock selected
as the system clock.
2) Can output the source oscillation clock for the subclock.


Similar Part No. - LC87F1HC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8A ONSEMI-LC87F1HC8A Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
More results

Similar Description - LC87F1HC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com