Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1HC8SA Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F1HC8SA
Description  8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1HC8SA Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F1HC8SA Datasheet HTML 6Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 7Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 8Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 9Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 10Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 11Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 12Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 13Page - Sanyo Semicon Device LC87F1HC8SA Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LC87F1HC8SA
No.A1095-10/27
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Uunits of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note 1)
P00 to P07
1 bit
2
Nch-open drain
No
1
CMOS
Programmable
P10 to P17
P20 to P27
P30 to P34
1 bit
2
Nch-open drain
Programmable
P70
-
No
Nch-open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
PWM0, PWM1
-
No
CMOS
No
UHD+, UHD-
-
No
CMOS
No
XT1
-
No
Input only
No
XT2
-
No
32.768kHz crystal resonator output (N channel open
drain when in general-purpose output mode)
No
Note 1: Programmable pull-up resistors for port 0 are controlled in 4 bit units (P00 to 03, P04 to 07).
Power Pin Treatment
Connect the IC as shown below to minimize the noise input to the VDD1 pin. and extend the backup period. Be sure to
electrically short the VSS1, VSS2, and VSS3 pins.
Example 1: When the microcontroller is in the backup state in the HOLD mode, the power to sustain the high level of
output ports is supplied by their backup capacitors.
Example 2: The high level output at ports is not sustained and unstable in the HOLD backup mode.
VSS1 VSS2 VSS3
VDD1
VDD2
VDD3
Power
supply
For backup
LSI
LSI
VSS1VSS2VSS3
VDD1
VDD2
VDD3
Power
supply
For backup


Similar Part No. - LC87F1HC8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
More results

Similar Description - LC87F1HC8SA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4A SANYO-LC87F1JJ4A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com