Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F5WC8A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F5WC8A
Description  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5WC8A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F5WC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5WC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
LC87F5WC8A
No.A1898-4/27
Oscillation Circuits
• RC oscillation circuit (internal) : For system clock
• CF oscillation circuit
: For system clock, with internal Rf
• Crystal oscillation circuit
: For low-speed system clock
System Clock Divider Function
• Capable of running on low current.
• The minimum instruction cycle selectable from 250ns, 500ns, 1.0μs, 2.0μs, 4.0μs, 8.0μs, 16.0μs, 32.0μs, and
64.0
μs (at a main clock rate of 12MHz).
Standby Function
• HALT mode: Halts instruction execution while allowing the peripheral circuits to continue operation.
(1) Oscillation is not halted automatically.
(2) Canceled by a system reset or occurrence of interrupt
• HOLD mode: Suspends instruction execution and the operation of the peripheral circuits.
(1) The CF, RC, and crystal oscillators automatically stop operation.
(2) There are three ways of resetting the HOLD mode.
1) Setting the reset pin to the low level.
2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
3) Having an interrupt source established at port 0
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base
timer.
(1) The CF and RC oscillators automatically stop operation.
(2) The state of crystal oscillation established when the HOLD mode is entered is retained.
(3) There are four ways of resetting the X'tal HOLD mode.
1) Setting the reset pin to the low level
2) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
3) Having an interrupt source established at port 0
4) Having an interrupt source established in the base timer circuit
On-chip Debugger Function
• Enables software debugging with the test device installed on the target board.
Package Form
• QIP100E (14×20)
: Lead-/Halogen-free type
Development Tools
• Evaluation (EVA) chip : LC87EV690
• Emulator
: EVA62S + ECB876600D + SUB875C00 + POD100QFP
: ICE-B877300 + SUB875C00 + POD100QFP
• On-chip-debugger
: TCB87-TypeC (3wire version) + LC87F5WC8A
Programming Boards
Package
Programming boards
QIP100E
W87F52256Q


Similar Part No. - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F5WC8A ONSEMI-LC87F5WC8A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
More results

Similar Description - LC87F5WC8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com