Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F6D64A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC87F6D64A
Description  FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F6D64A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC87F6D64A Datasheet HTML 1Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 2Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 3Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 4Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 5Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 6Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 7Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 8Page - Sanyo Semicon Device LC87F6D64A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LC87F6D64A
No.A1007-4/19
System Clock Divider Function
• Able to reduce current consumption
Available minimum instruction cycle time: 300ns, 600ns, 1.2
μs, 2.4μs, 4.8μs, 9.6μs, 19.2μs, 38.4μs, 76.8μs.
(Using 10MHz main clock)
Standby Function
• HALT mode
HALT mode is used to reduce power consumption. Program execution is stopped. Peripheral circuits still operate
but VFD display and some serial transfer operations stop.
1) Oscillation circuits are not stopped automatically.
2) Release occurs on system reset or by interrupt.
• HOLD mode
HOLD mode is used to reduce power consumption. Both program execution and peripheral circuits are stopped.
1) The CF, RC, X’tal and frequency variable RC oscillators automatically stop operation.
2) Release occurs on any of the following conditions.
(1) input to the reset pin goes “Low”
(2) a specified level is input to at least one of INT0, INT1, INT2
(3) an interrupt condition arises at port 0
• X’tal HOLD mode.
X’tal HOLD mode is used to reduce power consumption. Program execution is stopped.
All peripheral circuits except the base-timer are stopped.
1) The CF, RC, frequency variable RC oscillation circuits stop automatically.
2) Crystal oscillator is maintained in its state at HOLD mode inception.
3) Release occurs on any of the following conditions.
(1) input to the reset pin goes “Low”
(2) Setting at least one of the INT0, INT1 and INT2 pins to the specified level
(3) Having an interrupt source established at port 0
(4) Having an interrupt source established in the base timer circuit
(5) Having an interrupt source established in the remote control receiver circuit
On-chip Debugger
• Supports software debugging with the IC mounted on the target board.
Package Form
• QFP80(14×14): Lead-free type
Development Tools
• On-chip debugger: TCB87- type-B + LC87F6D64A


Similar Part No. - LC87F6D64A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F66C8A SANYO-LC87F66C8A Datasheet
768Kb / 23P
   8-Bit Single Chip Microcontroller with 64 KB FEPROM and 2048-Byte RAM On Chip?
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
   CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F69C8A SANYO-LC87F69C8A Datasheet
393Kb / 28P
   8 BIT 1 CHIP MICROCONTROLLER
logo
ON Semiconductor
LC87F6AC8A ONSEMI-LC87F6AC8A Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
LC87F6AC8ALU-EJ-H ONSEMI-LC87F6AC8ALU-EJ-H Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
More results

Similar Description - LC87F6D64A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F7H32A SANYO-LC87F7H32A Datasheet
180Kb / 28P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com