Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F83C8A Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC87F83C8A
Description  FROM 128K byte, RAM 6K byte on-chip 8-bit ETR Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F83C8A Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC87F83C8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 9Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 10Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 11Page - Sanyo Semicon Device LC87F83C8A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LC87F83C8A/C8AU/96A/96AU/64A/64AU
No.A1780-8/31
Recommended operating range
at Ta = -40
°C to +85°C, VSS1 = VSS2 = VSS4 = AVSS = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
PLL operation
4.5
5.0
5.5
Operating
supply voltage
VDD(1)
VDD1=VDD2=VDD4
=AVDD
CPU operation
3.0
5.5
Memory sustaining
supply voltage
VHD
VDD1=VDD2=VDD4
=AVDD
RAM and register contents
in HOLD mode.
1.0
5.5
VIH(1)
Ports 1, 2
SI2P0 to 3
P71 to P73
P70 port input/
interrupt side
3.0 to 5.5
0.35VDD
+0.7
VDD
VIH(2)
Ports 0, 3, 8
Ports B, C, E, F
PWM0, PWM1
3.0 to 5.5
0.3VDD
+0.7
VDD
VIH(3)
Port70 Watchdog timer
side
3.0 to 5.5
0.9VDD
VDD
High level input
voltage
VIH(4)
XT1, XT2, RES
When XT1 and XT2
general purpose input
3.0 to 5.5
0.75VDD
VDD
VIL(1)
4.0 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Ports 1, 2
SI2P0 to 3
P71 to P73
P70 port input/
interrupt side
3.0 to 4.0
VSS
0.2VDD
VIL(3)
4.0 to 5.5
VSS
0.15VDD
+0.4
VIL(4)
Ports 0, 3, 8
Ports B, C, E, F
PWM0, PWM1
3.0 to 4.0
VSS
0.2VDD
VIL(5)
Port70 Watchdog timer
side
3.0 to 5.5
VSS
0.8VDD
-1.0
Low level input
voltage
VIL(6)
XT1, XT2, RES
When XT1 and XT2
general purpose input
3.0 to 5.5
VSS
0.25VDD
V
VIN(1)
FMIN, AMIN,
HCTR, LCTR
Excluding CF ability
setting=“00”
4.5 to 5.5
0.04
1.5
VIN(2)
FMIN, AMIN, HCTR
CF ability setting=“00”
4.5 to 5.5
0.07
1.5
Input amplitude
VIN(3)
FMIN, LCTR
CF ability setting=“00”
4.5 to 5.5
0.04
1.5
Vrms
FIN(1)
FMIN: VIN(1)
4.5 to 5.5
10
150
FIN(2)
FMIN: VIN(2)
4.5 to 5.5
10
50
FIN(3)
FMIN: VIN(3)
4.5 to 5.5
50
150
FIN(4)
AMIN(H): VIN(1) VIN(2)
4.5 to 5.5
2
40
FIN(5)
AMIN(L): VIN(1) VIN(2)
4.5 to 5.5
0.5
10
FIN(6)
HCTR: VIN(1) VIN(2)
4.5 to 5.5
0.4
12
MHz
Input frequency
FIN(7)
LCTR: VIN(1) VIN(3)
4.5 to 5.5
100
500
kHz
Instruction cycle
time (Note 2-1)
tCYC
3.0 to 5.5
0.222
μs
FmCF(1)
CF1, CF2
13.5MHz crystal oscillation.
3.0 to 5.5
13.5
FmRC
Internal RC oscillation
3.0 to 5.5
0.3
1.0
2.0
FmMRC
Frequency variable RC
oscillation source
oscillation
3.0 to 5.5
16
MHz
Oscillation
frequency range
FsX’tal
XT1, XT2
32.768kHz crystal
oscillation.
3.0 to 5.5
32.768
kHz
Note 2-1: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.


Similar Part No. - LC87F83C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F83C8A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com