Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R006 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT48R006
Description  Small Package 8-Bit OTP MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R006 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT48R006 Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R006 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
System Control Registers
- CTRL0, CTRL1.........................................................20
Wake-up Function Register
- PAWK ....................................................................20
Pull-high Registers
- PAPU ..................................................................................20
Oscillator............................................................................................22
System Oscillator Overview.............................................................................................................22
System Clock Configurations................................................................................22
External Crystal/Resonator Oscillator
- HXT ........................................................22
External RC Oscillator
- ERC...............................................................................22
Internal RC Oscillator
- HIRC...............................................................................23
External 32768Hz Crystal Oscillator
- LXT...........................................................23
LXT Oscillator Low Power Function ......................................................................23
Internal Low Speed Oscillator
- LIRC...................................................................23
Operating Modes ...............................................................................24
Mode Types and Selection ...................................................................................24
Mode Switching ....................................................................................................24
Standby Current Considerations...........................................................................25
Wake-up...............................................................................................................25
Watchdog Timer ................................................................................26
Watchdog Timer Operation...................................................................................26
Reset and Initialisation .....................................................................27
Reset Functions ...................................................................................................27
Reset Initial Conditions .........................................................................................28
HT46R006............................................................................................................29
HT48R006............................................................................................................30
Input/Output Ports.............................................................................31
Pull-high Resistors................................................................................................31
Port A Wake-up ....................................................................................................31
I/O Port Control Registers.....................................................................................32
Pin-shared Functions............................................................................................32
I/O Pin Structures .................................................................................................34
Programming Considerations ...............................................................................34
Timer/Event Counters .......................................................................34
Configuring the Timer/Event Counter Input Clock Source .....................................34
Timer Registers
- TMR0, TMR1 ...........................................................................34
Timer Control Registers
- TMR0C, TMR1C..........................................................38
Timer Mode ..........................................................................................................38
Event Counter Mode.............................................................................................38
Pulse Width Capture Mode...................................................................................39
Prescaler ..............................................................................................................40
Buzzer Function -- HT48R006 ..............................................................................40
PFD Function -- HT46R006 ..................................................................................41
I/O Interfacing.......................................................................................................41
HT48R006/HT46R006
Rev. 1.00
iii
October 24, 2011


Similar Part No. - HT48R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R002 HOLTEK-HT48R002 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT48R003 HOLTEK-HT48R003 Datasheet
5Mb / 71P
   Cost-Effective I/O 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
   Small Package A/D Type 8-Bit OTP MCU
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
   Small Package I/O Type 8-Bit OTP MCU
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com