Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R006 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R006
Description  Small Package 8-Bit OTP MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R006 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R006 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R006 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Selection Table
Part No.
Program
Memory
Data
Memory
I/O
8-bit
Timer
Time
Base
Interrupt
A/D
PWM
Stack
Package
Ext.
Int.
HT48R006
1K
´14
64
´8
61
11
2
¾¾
2
10MSOP
HT46R006
1K
´15
96
´8
62
11
4
12-bit
´3 8-bit´1
6
10MSOP
Note:
The internal clock in the table is a fully integrated RC oscillator requiring no external components which can be
used as the system clock.
Block Diagram
The following block diagram illustrates the main functional blocks.
Pin Assignment
HT48R006/HT46R006
Rev. 1.00
6
October 24, 2011
8 - b i t
R I S C
M C U
C o r e
T i m e r
I / O
P o r t s
T i m e
B a s e
P F D / B u z z e r
D r i v e r
P W M
D r i v e r
R O M / R A M
M e m o r y
T i m i n g
G e r n e r a t i o n
A / D
C o n v e r t e r
V D D
P A 6 / O S C 1
P A 5 / O S C 2
P A 7 / R E S
N C
V S S
P A 0 / I N T / A N 0
P A 1 / T C 1 / P F D / A N 1
P A 2 / T C 0 / P W M / A N 2
N C
H T 4 6 R 0 0 6
1 0 M S O P - A
1 0
9
8
7
6
1
2
3
4
5
V D D
P A 6 / O S C 1
P A 5 / O S C 2
P A 7 / R E S
N C
V S S
P A 0 / B Z
P A 1 / B Z
P A 2 / T C 0 / I N T
N C
H T 4 8 R 0 0 6
1 0 M S O P - A
1 0
9
8
7
6
1
2
3
4
5


Similar Part No. - HT46R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003 HOLTEK-HT46R003 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results

Similar Description - HT46R006

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B_10 Datasheet
427Kb / 71P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01A HOLTEK-HT46R01A Datasheet
462Kb / 58P
   Small Package A/D Type 8-Bit OTP MCU
HT48R01A HOLTEK-HT48R01A Datasheet
401Kb / 49P
   Small Package I/O Type 8-Bit OTP MCU
HT46R01C HOLTEK-HT46R01C Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com