Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R064B Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT48R064B
Description  Enhanced I/O Type 8-Bit OTP MCU
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R064B Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT48R064B Datasheet HTML 1Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 2Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 3Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 4Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 5Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 6Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 7Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 8Page - Holtek Semiconductor Inc HT48R064B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Timer/Event Counters .......................................................................32
Configuring the Timer/Event Counter Input Clock Source .....................................32
Timer Registers
- TMR0, TMR1 ...........................................................................32
Timer Control Registers
- TMR0C, TMR1C..........................................................32
Timer Mode ..........................................................................................................35
Event Counter Mode.............................................................................................35
Pulse Width Capture Mode...................................................................................36
Prescaler ..............................................................................................................36
PFD Function .......................................................................................................37
I/O Interfacing.......................................................................................................37
Programming Considerations ...............................................................................38
Timer Program Example.......................................................................................38
Time Base ..........................................................................................39
Interrupts............................................................................................40
Interrupt Register..................................................................................................40
Interrupt Operation ...............................................................................................40
Interrupt Priority.....................................................................................................41
External Interrupt ..................................................................................................41
Timer/Event Counter Interrupt ..............................................................................44
Time Base Interrupt ..............................................................................................44
Programming Considerations ...............................................................................44
SCOM Function for LCD ...................................................................44
LCD Operation .....................................................................................................44
LCD Bias Control..................................................................................................45
Application Circuits ..........................................................................46
Configuration Options ......................................................................46
Instruction Set ...................................................................................47
Introduction ..........................................................................................................47
Instruction Timing .................................................................................................47
Moving and Transferring Data ..............................................................................47
Arithmetic Operations ...........................................................................................47
Logical and Rotate Operations .............................................................................47
Branches and Control Transfer.............................................................................47
Table Read Operations.........................................................................................48
Instruction Set Summary ......................................................................................48
Instruction Definition ........................................................................50
Contents
Rev. 1.00
4
April 7, 2011


Similar Part No. - HT48R064B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R064B HOLTEK-HT48R064B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
More results

Similar Description - HT48R064B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R068B HOLTEK-HT48R068B_15 Datasheet
4Mb / 118P
   Enhanced I/O 8-Bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com