Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT72D1525 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT72D1525
Description  High PSRR 300mA Dual LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D1525 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT72D1525 Datasheet HTML 2Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 3Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 4Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72D1525 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev. 1.00
6
August 08, 2011
HT72Dxxxx
Supply Current vs. Temperature
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
1. Supply Current vs. Temperature
1.5V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=2.5V
1.8V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=2.8V
Rev. 0.00
6
July 21, 2011
HT72Dxxxx
Preliminary
Supply Current vs. Temperature
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
1. Supply Current vs. Temperature
1.5V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=2.5V
1.8V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=2.8V
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
2.8V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=3.8V
5.0V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=6.0V
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
2.8V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=3.8V
5.0V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=6.0V
Dropout Voltage vs. Output Current
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
4. Dropout Voltage vs. Output Current
CIN=COUT=1uF VIN=VOUT+1V
1.5V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
CIN=COUT=1uF VIN=VOUT+1V
1.8V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
4. Dropout Voltage vs. Output Current
CIN=COUT=1uF VIN=VOUT+1V
1.5V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
CIN=COUT=1uF VIN=VOUT+1V
1.8V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
2.8V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=3.8V
5.0V(one channel only)
Temperature (
oC)
-50
-25
0
25
50
75
100
0
2
4
6
8
10
12
14
16
18
20
22
24
V
IN=6.0V
Dropout Voltage vs. Output Current
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
4. Dropout Voltage vs. Output Current
CIN=COUT=1uF VIN=VOUT+1V
1.5V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
CIN=COUT=1uF VIN=VOUT+1V
1.8V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
文件號碼:
DOC. NO.:
版別:
REV.:
頁碼:
PAGE:
本資料為盛群半導體股份有限公司專有之財產,非經書面許可不准透露或使用本資料,亦不准複印、複製或轉變成任何其他形式使用。
THE INFORMATION CONTAINED HEREIN IS THE EXCLUSIVE PROPERTY OF HOLTEK AND SHALL NOT BE DISTRIBUTED, REPRODUCED, OR
DISCLOSED IN WHOLE OR IN PART WITHOUT PRIOR WRITTEN PERMISSION OF HOLTEK.
4. Dropout Voltage vs. Output Current
CIN=COUT=1uF VIN=VOUT+1V
1.5V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC
CIN=COUT=1uF VIN=VOUT+1V
1.8V
Output Current(mA)
0
50
100
150
200
250
300
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
85
oC
25
oC
-40
oC


Similar Part No. - HT72D1525

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
More results

Similar Description - HT72D1525

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
   Dual 300mA High PSRR LDO
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com