Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT72D1825 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT72D1825
Description  High PSRR 300mA Dual LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72D1825 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT72D1825 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 11Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 12Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 13Page - Holtek Semiconductor Inc HT72D1825 Datasheet HTML 14Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Rev. 1.00
10
August 08, 2011
HT72Dxxxx
HT72D2818 VOUT1=2.8V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V
HT72D2818 VOUT1=2.8V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V
HT72D2818 VOUT1=2.8V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V
HT72D5015 VOUT1=5.0V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V
HT72D5015 VOUT1=5.0V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V
HT72D5015 VOUT1=5.0V CIN=0uF COUT2=1uF
VEN1= VIN VEN2=0V


Similar Part No. - HT72D1825

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
More results

Similar Description - HT72D1825

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL8566 BELLING-BL8566 Datasheet
178Kb / 7P
   Dual 300mA High PSRR LDO
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com