Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F40F0PAU Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LC88F40F0PAU
Description  For Car Audio Systems 16-bit ETR Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F40F0PAU Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LC88F40F0PAU Datasheet HTML 4Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 5Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 6Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 7Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 8Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 9Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 10Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 11Page - Sanyo Semicon Device LC88F40F0PAU Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LC88F40H0PA/H0PAU/F0PA/F0PAU/D0PA/D0PAU
No.A1853-8/32
Pin Assignment
Top view
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
PA0/SM1CK
PA1/SM1DA
PA2/SM1DO
PA3/SM2CK
PA4/SM2DA
PA5/SM2DO
PA6/U5RX
PA7/U5TX
PB0/PWM10
PB1/PWM11
PB2
PB3
PB4
PB5/INT7
PB6
VDDPLL
VSS4
LPFO
P50/P5INT0
P51/P5INT1
P44/SIO1
P45/SCK1
P46/PWM00
P47/PWM01
VSS2
VDDPORT1
P27/RMIN
P26/T5O
P25/T4O
P24/SM0DO
P23/SM0DA
P22/SM0CK
P21/INT5
P20/INT4
PD5
PD4
PD3
PD2
PD1/U4TX
PD0/U4RX
LC88F40H0PA/PAU
LC88F40F0PA/PAU
LC88F40D0PA/PAU


Similar Part No. - LC88F40F0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F40F0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com