Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC88F40D0PAU Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC88F40D0PAU
Description  For Car Audio Systems 16-bit ETR Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F40D0PAU Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC88F40D0PAU Datasheet HTML 7Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 8Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 9Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 10Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 11Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 12Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 13Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 14Page - Sanyo Semicon Device LC88F40D0PAU Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LC88F40H0PA/H0PAU/F0PA/F0PAU/D0PA/D0PAU
No.A1853-11/32
Continued from preceding page.
Name
I/O
Description
Port 4
P40 to P47
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
P40: INT6 input/HOLD release input
P43: SIO1 data output
P44: SIO1 data input/output
P45: SIO1 clock input/output
P46: PWM00 output
P47: PWM01 output
• Interrupt acknowledge type
INT6: H level, L level, H edge, L edge, both edges
Supply voltage from
VDDPORT1 used
(VDDCPU to 5.5V)
Port 5
P50 to P57
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
• Port 5 interrupt function
• HOLD release input
Supply voltage from VDDCPU
used
(3.0 to 3.6V)
Port 6
P60 to P67
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
AN0 (P60) to AN7 (P67): AD converter input port
Supply voltage from VDDCPU
used
(3.0 to 3.6V)
Port 7
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
AN8 (P70) to AN12 (P74): AD converter input port
Supply voltage from VDDCPU
used
(3.0 to 3.6V)
P70 to P77
I/O
P75: SMIIC3 clock input/output
P76: SMIIC3 data bus input/output
P77: SMIIC3 data (used in 3-wire SIO mode)
Supply voltage from
VDDPORT1 used
(VDDCPU to 5.5V)
Port A
PA0 to PA7
I/O
• 8-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
PA0: SMIIC1 clock input/output
PA1: SMIIC1 data bus input/output
PA2: SMIIC1 data (used in 3-wire SIO mode)
PA3: SMIIC2 clock input/output
PA4: SMIIC2 data bus input/output
PA5: SMIIC2 data (used in 3-wire SIO mode)
PA6: UART5 receive
PA7: UART5 transmit
Supply voltage from
VDDPORT2 used
(VDDCPU to 5.5V)
Port B
PB0 to PB6
I/O
• 7-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
PB0: PWM10 output
PB1: PWM11 output
PB5: INT7 input/HOLD release input
• Interrupt acknowledge type
INT7: H level, L level, H edge, L edge, both edges
Supply voltage from
VDDPORT2 used
(VDDCPU to 5.5V)
Port C
PC0
I/O
• 1-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
Supply voltage from VDDCPU
used
(3.0 to 3.6V)
Port D
PD0 to PD5
I/O
• 6-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1 bit units
• Pin functions
PD0: UART4 receive
PD1: UART4 transmit
Supply voltage from
VDDPORT1 used
(VDDCPU to 5.5V)
Continued on next page.


Similar Part No. - LC88F40D0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F52H0A ONSEMI-LC88F52H0A Datasheet
220Kb / 38P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
logo
ON Semiconductor
LC88F58B0A ONSEMI-LC88F58B0A Datasheet
190Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.03
logo
Sanyo Semicon Device
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results

Similar Description - LC88F40D0PAU

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC878496PB SANYO-LC878496PB Datasheet
240Kb / 29P
   8-bit ETR Microcontroller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com