Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82B60R Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT82B60R
Description  I/O MCU with USB Interface
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82B60R Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT82B60R Datasheet HTML 1Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 2Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 3Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 4Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 5Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 6Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 7Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 8Page - Holtek Semiconductor Inc HT82B60R Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
V
DD
Operating Voltage
(Integrated Oscillator)
¾ fSYS=6MHz or 12MHz
3.3
¾
5.5
V
I
DD
Operating Current
5V
No load, f
SYS=6MHz
¾
6.5
12
mA
No load, f
SYS=12MHz
¾
7.5
16
mA
I
STB1
Standby Current
5V
No load, system HALT,
USB mode,
USR.5=1 USR.4=0,
LVR disable, WDT disable,
Clr D_SR [SCC.2],
Clr USBCKEN [SCC.3],
Clr BGOFF [SCC.4],
Set CLK_adj [SCC.7]
¾¾
400
mA
I
STB2
Standby Current
5V
No load, system HALT,
PS2 mode,
USR.5=0 USR.4=1,
LVR disable, WDT disable,
Clr D_SR [SCC.2],
Clr USBCKEN [SCC.3],
Set BGOFF [SCC.4],
Set CLK_adj [SCC.7]
¾¾
10
mA
V
IL
Input Low Voltage for PA, PC, PD,
PE, PF0~PF1
5V
where V
DDIO=VDD
or V33O by option for PB
0
¾
0.8
V
Input Low Voltage for PB
0
¾
0.3VDDIO
V
Input Low Voltage for RES pin
0
¾
0.4VDD
V
V
IH
Input High Voltage for PA, PC, PD,
PE, PF0~PF1
5V
where V
DDIO=VDD
or V33O by option for PB
2
¾
5V
Input High Voltage for PB
0.8VDDIO
¾
VDDIO
V
Input High Voltage for RES pin
0.9VDD
¾
VDD
V
V
LVR
Low Voltage Reset
5V
¾
2.0
2.6
3.2
V
V
V33O
3.3V Regulator Output for
USB SIE
5V
I
V33O=70mA
3.0
3.3
3.6
V
I
OL
Output Sink Current for I/O Port
5V
V
OL=0.4V
24
¾
mA
I
OH
Output Source Current for I/O Port
5V
V
OH=3.4V
-2
-4
¾
mA
I
LCD_BIAS
VDD/2 Bias current for LCD
5V
LCDC. RSEL[1:0]=00
17.5
25
32.5
mA
LCDC. RSEL[1:0]=01
35
50
65
mA
LCDC. RSEL[1:0]=10
70
100
130
mA
LCDC. RSEL[1:0]=11
140
200
260
mA
V
COM
VDD/2 voltage for LCD COM port
5V
No load
0.475
0.500
0.525
VDD
R
PH
Pull-high Resistance for CLK,
DATA
5V
¾
¾
4.7
¾
k
W
Pull-high Resistance for PA, PB,
PC, PD, PE and PF0~PF1
20
50
70
k
W
HT82B60R
Rev. 1.10
4
February 1, 2011


Similar Part No. - HT82B60R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40A HOLTEK-HT82B40A Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40A HOLTEK-HT82B40A Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B40A HOLTEK-HT82B40A Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R Datasheet
392Kb / 58P
   I/O MCU with USB Interface
More results

Similar Description - HT82B60R

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82B40R HOLTEK-HT82B40R Datasheet
416Kb / 57P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_11 Datasheet
392Kb / 58P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R Datasheet
3Mb / 86P
   I/O MCU with USB Interface
HT82B42R HOLTEK-HT82B42R_14 Datasheet
3Mb / 84P
   I/O MCU with USB Interface
HT82B40R HOLTEK-HT82B40R_14 Datasheet
370Kb / 54P
   I/O 8-Bit MCU with USB Interface
HT68FB30 HOLTEK-HT68FB30 Datasheet
208Kb / 26P
   Enhanced I/O Flash Type 8-Bit MCU with EEPROM & USB Interface
HT68FB540 HOLTEK-HT68FB540 Datasheet
5Mb / 199P
   I/O Flash USB 8-Bit MCU with SPI
HT82A525R HOLTEK-HT82A525R_16 Datasheet
385Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R_12 Datasheet
446Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
HT82A525R HOLTEK-HT82A525R Datasheet
505Kb / 71P
   I/O Type USB 8-Bit OTP MCU with SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com