Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC875BP4A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC875BP4A
Description  ROM 256K/224K/192K/176K byte, RAM 4096K byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875BP4A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC875BP4A Datasheet HTML 1Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 2Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 3Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 4Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 5Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 6Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 7Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 8Page - Sanyo Semicon Device LC875BP4A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC875BP4A/875BM2A/875BJ0A/875BH4A
No.7972-3/25
Serial Interface
• SIO 0 : 8-bit synchronous serial interface
1. LSB first/MSB first-function available
2. An internal 8-bit baud-rate generator (maximum transmit clock period 4/3 tCYC)
3. Consecutive automatic data communication (1 to 256-bits)
• SIO 1 : 8-bit asynchronous/synchronous serial interface
Mode 0 : Synchronous 8-bit serial IO (2-wire or 3-wire, transmit clock 2 to 512 tCYC)
Mode 1 : Asynchronous serial IO (half duplex, 8 data bits, 1 stop bit, baud-rate 8 to 2048 tCYC)
Mode 2 : Bus mode 1 (start bit, 8 data bits, transmit clock 2 to 512 tCYC)
Mode 3 : Bus mode 2 (start detection, 8 data bits, stop detection)
• SIO2 : 8-bit synchronous serial interface
1. LSB-first
2. Internal 8-bit baud-rate generator (maximum transmit clock period 4/3 tCYC)
3. Consecutive automatic data communication (1 to 32 bytes)
UART :2-channels
1. Full duplex
2. 7/8/9 bit data bits selectable
3. 1stop bit
4. built-in baudrate generator
AD Converter
• 12-channel × 8-bit AD converter
PWM
• 4-channel × synchronous variable 12-bit PWM
Remote Receiver Circuit (share with P73/INT3/T0IN terminal)
• Noise rejection function (The filtering time of the noise rejection filter (1tCYC/32 tCYC/128 tCYC) can be switched
by program.)
Watchdog Ttimer
• External RC circuit is required.
• Interrupt or system reset is activated when the timer overflows.
Interrupts
• 27-source and 10-vectored interrupt function :
1. Three interrupt priorities, low (L), high (H) and highest (X) are supported with multi-level nesting possible.
During interrupt handling, an equal or lower level interrupt request is refused.
2. If interrupt requests for two or more vector addresses occur at once, the higher level interrupt takes
precedence. In the case of equal priority levels, the vector with the lowest address takes precedence.
No.
Vector
Selectable Level
Interrupt Signal
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/UART1, 2 receive
8
0003BH
H or L
SIO1/SIO2/UART1, 2 transmit
9
00043H
H or L
ADC/T6/T7/PWM4, PWM5
10
0004BH
H or L
Port 0/T4/T5/PWM0, PWM1
• Priority Level : X > H > L
• For equal priority levels, vector with lowest address takes precedence.


Similar Part No. - LC875BP4A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875BP4A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC88F85D0A SANYO-LC88F85D0A Datasheet
264Kb / 31P
   FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
LC875J64C SANYO-LC875J64C Datasheet
148Kb / 23P
   ROM 64K/56K/48K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com