Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC875G24A Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC875G24A
Description  ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC875G24A Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC875G24A Datasheet HTML 7Page - Sanyo Semicon Device LC875G24A Datasheet HTML 8Page - Sanyo Semicon Device LC875G24A Datasheet HTML 9Page - Sanyo Semicon Device LC875G24A Datasheet HTML 10Page - Sanyo Semicon Device LC875G24A Datasheet HTML 11Page - Sanyo Semicon Device LC875G24A Datasheet HTML 12Page - Sanyo Semicon Device LC875G24A Datasheet HTML 13Page - Sanyo Semicon Device LC875G24A Datasheet HTML 14Page - Sanyo Semicon Device LC875G24A Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LC875G32A/24A/16A/08A
No.8299-11/23
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2,
VDD3
VDD1=VDD2=VDD3
-0.3
+6.5
Input voltage
VI
XT1, CF1
-0.3
VDD+0.3
Input/output
voltage
VIO
Ports 0, 1, 2,
Port 3, 7, PWM0,
PWM1, XT2
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
CMOS output select
Per 1 applicable pin
-10
IOPH(2)
PWM0, PWM1
CMOS output select
Per 1 applicable pin
-20
Peak output
current
IOPH(3)
Ports P71 to P73
Per 1 applicable pin
-5
IOMH(1)
Ports 0, 1, 2, 3
CMOS output select
Per 1 applicable pin
-7.5
IOMH(2)
PWM0, PWM1
CMOS output select
Per 1 applicable pin
-15
Mean output
current
(Note 1-1)
IOMH(3)
Ports P71 to P73
Per 1 applicable pin
-3
ΣIOAH(1)
Ports P71 to P73
Total of all applicable pins
-10
ΣIOAH(2)
Port 0
Total of all applicable pins
-25
ΣIOAH(3)
Port 1,
PWM0, PWM1
Total of all applicable pins
-25
ΣIOAH(4)
Ports 0, 1
PWM0, PWM1
Total of all applicable pins
-45
ΣIOAH(5)
Ports 2, P35, P36
Total of all applicable pins
-25
ΣIOAH(6)
Ports P30 to P34
Total of all applicable pins
-25
Total output
current
ΣIOAH(7)
Ports 2, 3
Total of all applicable pins
-45
IOPL(1)
Ports P02 to P07
Ports 1, 2, 3
PWM0, PWM1
Per 1 applicable pin
20
IOPL(2)
Ports P00, P01
Per 1 applicable pin
30
Peak output
current
IOPL(3)
Port 7, XT2
Per 1 applicable pin
10
IOML(1)
Ports P02 to P07
Ports 1, 2, 3
PWM0, PWM1
Per 1 applicable pin
15
IOML(2)
Ports P00, P01
Per 1 applicable pin
20
Mean output
current
(Note 1-1)
IOML(3)
Port 7, XT2
Per 1 applicable pin
7.5
ΣIOAL(1)
Port 7, XT2
Total of all applicable pins
15
ΣIOAL(2)
Port 0
Total of all applicable pins
45
ΣIOAL(3)
Port 1,
PWM0, PWM1
Total of all applicable pins
45
ΣIOAL(4)
Ports 0, 1
PWM0, PWM1
Total of all applicable pins
80
ΣIOAL(5)
Ports 2, P35, P36
Total of all applicable pins
45
ΣIOAL(6)
Ports P30 to P34
Total of all applicable pins
45
Total output
current
ΣIOAL(7)
Ports 2, 3
Total of all applicable pins
60
mA
SQFP48(7
×7)
190
Power dissipation
Pd max
QIP48E(14
×14)
Ta= -30 to +70
°C
390
mW
Operating ambient
temperature
Topr
-30
+70
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: The mean output current is a mean value measured over 100ms.


Similar Part No. - LC875G24A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875016A SANYO-LC875016A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875024A SANYO-LC875024A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875032A SANYO-LC875032A Datasheet
778Kb / 25P
   8-Bit Single Chip Microcontroller with 32/24/16K-Byte EPROM and 640-Byte RAM On Chip
LC875048B SANYO-LC875048B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
LC875056B SANYO-LC875056B Datasheet
763Kb / 26P
   8-Bit Single Chip Microcontroller with 64/56/48K-Byte EPROM and 2048-Byte RAM On Chip
More results

Similar Description - LC875G24A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7032A SANYO-LC87F7032A Datasheet
136Kb / 21P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC877424A SANYO-LC877424A Datasheet
342Kb / 22P
   8 Bit Single Chip Microcontroller Incorporating 48K/40K/32K/24K Byte ROM and 1536 byte RAM on Chip
LC875164A SANYO-LC875164A Datasheet
786Kb / 25P
   8-Bit Single Chip Microcontroller with 64/48/32K-Byte ROM and 1024-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com