Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC876D08A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC876D08A
Description  ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC876D08A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC876D08A Datasheet HTML 5Page - Sanyo Semicon Device LC876D08A Datasheet HTML 6Page - Sanyo Semicon Device LC876D08A Datasheet HTML 7Page - Sanyo Semicon Device LC876D08A Datasheet HTML 8Page - Sanyo Semicon Device LC876D08A Datasheet HTML 9Page - Sanyo Semicon Device LC876D08A Datasheet HTML 10Page - Sanyo Semicon Device LC876D08A Datasheet HTML 11Page - Sanyo Semicon Device LC876D08A Datasheet HTML 12Page - Sanyo Semicon Device LC876D08A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LC876D16A/08A
No.A1122-9/19
Absolute Maximum Ratings at Ta = 25°C, VSS1 = 0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Supply voltage
VDD max
VDD1, VDD2, VDD3
VDD1=VDD2=VDD3
-0.3
+6.5
VI(1)
CF1/XT1, RES
-0.3
VDD+0.3
Input voltage
VI(2)
VP
VDD-45
VDD+0.3
VO(1)
S0/T0 to S15/T15
S16 to S53
VDD-45
VDD+0.3
Output voltage
VO(2)
CF2/XT2
-0.3
VDD+0.3
Input/Output
voltage
VIO(1)
Ports 0, 1, 7
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1
• CMOS output selected
• Current at each pin
-10
IOPH(2)
Port 71
Current at each pin
-5
IOPH(3)
S0/T0 to S15/T15
Current at each pin
-30
Peak output
current
IOPH(4)
S16 to S53
Current at each pin
-15
IOMH(1)
Ports 0, 1
• CMOS output selected
• Current at each pin
-7.5
IOMH(2)
Port 71
Current at each pin
-3
IOMH(3)
S0/T0 to S15/T15
Current at each pin
-15
Average
output current
IOMH(4)
S16 to S53
Current at each pin
-10
ΣIOAH(1)
Port 0
Total of all pins
-30
ΣIOAH(2)
Port 1
Total of all pins
-30
ΣIOAH(3)
Ports 0, 1
Total of all pins
-30
ΣIOAH(4)
Port 71
Total of all pins
-5
ΣIOAH(5)
S0/T0 to S15/T15
Total of all pins
-60
ΣIOAH(6)
S16 to S33
Total of all pins
-60
ΣIOAH(7)
S0/T0 to S15/T15
S16 to S33
Total of all pins
-60
ΣIOAH(8)
S34 to S39
Total of all pins
-60
ΣIOAH(9)
S40 to S47
Total of all pins
-60
ΣIOAH(10)
S48 to S53
Total of all pins
-60
Total output
current
ΣIOAH(11)
S34 to S53
Total of all pins
-60
IOPL(1)
Ports 0, 1
Current at each pin
20
Peak output
current
IOPL(2)
Port 7
Current at each pin
10
IOPML(1)
Ports 0, 1
Current at each pin
15
Average
output current
IOML(2)
Port 7
Current at each pin
7.5
ΣIOAL(1)
Port 0
Total of all pins
50
ΣIOAL(2)
Port 1
Total of all pins
50
ΣIOAL(3)
Port 7
Total of all pins
20
Total output
current
ΣIOAL(4)
Ports 0, 1, 7
Total of all pins
80
mA
Maximum power
dissipation
Pd max
QFP80(14
×14)
Ta=-40 to +85
°C
mW
Operating
temperature
range
Topr
-40
+85
Storage
temperature
range
Tstg
-55
+125
°C


Similar Part No. - LC876D08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results

Similar Description - LC876D08A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC875932A SANYO-LC875932A Datasheet
171Kb / 23P
   CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com