Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74761 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC74761
Description  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74761 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74761_11 Datasheet HTML 5Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 6Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 7Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 8Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 9Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 10Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 11Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 12Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7c7
0
1
6c6
0
1
5c5
0
1
4c4
0
1
Character code (from 00 to FF (hexadecimal))
3c3
0
1
2c2
0
1
1c1
0
1
0c0
0
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
3
COMMAND2: Vertical Display Position Setting Command
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
1
6—
0
The command 2 identification code:
5—
1
sets the vertical display position.
4—
0
3
SZ21
0
1
Character size for the second line
2
SZ20
0
1
1
SZ11
0
1
Character size for the first line
0
SZ10
0
1
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7—
0
Second byte identification code
6—
0
5
VP5
0
The vertical display start position is given by
(MSB)
1
4
VP4
0
1
where H is the horizontal synchronization pulse period.
3
VP3
0
The six bits VP0 to VP5 specify the
1
vertical display start position.
2
VP2
0
The weight of the lsb is 1
× H.
1
1
VP1
0
1
0
VP0
0
(LSB)
1
Note: When the chip is reset by the RST pin, the register states (bits) are all cleared to 0.
No. 4846-9/21
LC74761, LC74761M
SZ20
SZ21
01
0
Normal size
Double size
1
Triple size
Normal size
SZ10
SZ11
01
0
Normal size
Double size
1
Triple size
Normal size
5
VS = H
× ( Σ 2nVPn)
n = 0
HSYNC
VS
Character
display area
HS
VSYNC


Similar Part No. - LC74761_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
More results

Similar Description - LC74761_11

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com