Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74772V Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC74772V
Description  Camcorder On-Screen Display LSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74772V Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74772V_99 Datasheet HTML 6Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 7Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 8Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 9Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 10Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 11Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 12Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 13Page - Sanyo Semicon Device LC74772V_99 Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
No. 5159-10/17
LC74772V
} COMMAND 5 (Display control: on/off settings for each output system)
First byte
~ COMMAND 6 (Output control: systems 3 and 4 output control settings)
First byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
6
1
Command 5 identification code
5
0
4
1
3
DSP4
0
System 4 output off
Pin 10 (BLK4) and pin 11 (CHA4) output
1
System 4 output on
control
2
DSP3
0
System 3 output off
Pin 14 (BLK3) and pin 15 (CHA3) output
1
System 3 output on
control
0
System 2 output off
Pin 16 (BLK2) and pin 17 (CHA2) output
1
DSP2
control
1
System 2 output on
Invalid in RGB output mode.
0
System 1 (RGB) output off
Pin 18 (BLK1) and pin 19 (CHA1) output
0
DSP1
control
1
System 1 (RGB) output on
Functions as the RGB output control in
RGB output mode.
Register content
DA0 to DA7
Register name
State
Function
Note
7
0
6
1
Command 6 identification code
5
1
4
0
0
Sets the system 3 output conditions according to the command
3
DSPF
described below.
SL34
1
Sets the system 4 output conditions according to the command
described below.
0
2
DSP
RSG
1
0
1
DSP
GSG
1
0
0
DSP
BSG
1
Note: The following registers are set to
1 during a reset.
DSPRSG
DSPGSG
DSPBSG
As a result, the “All of R, G, B are
output” state is selected during a
reset.
Only system 4 is valid in 4-system
output mode. System 4 cannot be set
when the general-purpose output port
usage is specified.
DSPRSG DSPGSG DSPBSG
Output selection
0
0
0
Signals other than R, G,
B are output.
0
0
1
B is output.
0
1
0
G is output.
0
1
1
G and B are output.
1
0
0
R is output.
1
0
1
R and B are output.
1
1
0
R and G are output.
1
1
1
All of R, G, B are output.
Note: This register is set to 0 on a reset (either by the RST pin or by a command reset).


Similar Part No. - LC74772V_99

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

Similar Description - LC74772V_99

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com