Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC74772V Datasheet(PDF) 11 Page - Sanyo Semicon Device

Part # LC74772V
Description  Camcorder On-Screen Display LSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74772V Datasheet(HTML) 11 Page - Sanyo Semicon Device

Back Button LC74772V Datasheet HTML 7Page - Sanyo Semicon Device LC74772V Datasheet HTML 8Page - Sanyo Semicon Device LC74772V Datasheet HTML 9Page - Sanyo Semicon Device LC74772V Datasheet HTML 10Page - Sanyo Semicon Device LC74772V Datasheet HTML 11Page - Sanyo Semicon Device LC74772V Datasheet HTML 12Page - Sanyo Semicon Device LC74772V Datasheet HTML 13Page - Sanyo Semicon Device LC74772V Datasheet HTML 14Page - Sanyo Semicon Device LC74772V Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
No. 5159-11/17
LC74772V
 COMMAND 8 (Output control: background color setting: RGB output mode)
First byte
Second byte
Register content
DA0 to DA7
Register name
State
Function
Note
7
1
6
0
Command 8 identification code
5
0
4
0
3
0
0
2
BKCR
1
0
1
BKCG
1
0
0
BKCB
1
Background color setting in RGB output
mode
This command is invalid in 4-system
output mode.
• Invalid when pin 20 (OUTMOD) is high.
• Valid when pin 20 (OUTMOD) is low.
BKCR
BKCG
BKCB
Background color
0
0
0
Black
0
0
1
Blue
0
1
0
Green
0
1
1
Cyan
1
0
0
Red
1
0
1
Magenta
1
1
0
Yellow
1
1
1
White
Register content
DA0 to DA7
Register name
State
Function
Note
0
7
BKO4
F1
1
0
6
BKO4
F0
1
0
5
BKO3
F1
1
0
4
BKO3
F0
1
0
3
BKO2
F1
1
0
2
BKO2
F0
1
0
1
BKO1
F1
1
0
0
BKO1
F0
1
The system 1 or RGB output border
setting
The system 2 output border setting
This command is invalid in RGB output
mode.
• Invalid when pin 20 (OUTMOD) is low.
• Valid when pin 20 (OUTMOD) is high.
The system 3 output border setting
The system 4 output border setting
BKO4F1
BKO4F0
Operation function
0
0
No background or border
0
1
Font size (black characters)
1
0
Border
1
1
Areas other than the font (all filled)
BKO3F1
BKO3F0
Operation function
0
0
No background or border
0
1
Font size (black characters)
1
0
Border
1
1
Areas other than the font (all filled)
BKO2F1
BKO2F0
Operation function
0
0
No background or border
0
1
Font size (black characters)
1
0
Border
1
1
Areas other than the font (all filled)
BKO1F1
BKO1F0
Operation function
0
0
No background or border
0
1
Font size
1
0
Border
1
1
Areas other than the font (all filled)
Note: This register is set to 0 on a reset (either by the RST pin or by a command reset).


Similar Part No. - LC74772V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

Similar Description - LC74772V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com