Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC89058W-E Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC89058W-E
Description  Digital Audio Interface Receiver
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89058W-E Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC89058W-E Datasheet HTML 1Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 2Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 3Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 4Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 5Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 6Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 7Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 8Page - Sanyo Semicon Device LC89058W-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
LC89058W-E
No.A1056-4/64
Continued from preceding page.
Pin No.
Name
I/O
Function
25
DGND
Digital GND
26
DVDD
Digital power supply (3.3V)
27
XMCK
O
Oscillation amplifier clock output pin
28
XOUT
O
Output pin connected to the resonator
29
XIN
I
External clock input pin, connected to the resonator (12.288MHz/24.576MHz)
30
DVDD
Digital power supply
31
DGND
Digital GND
32
MOUT
I/O
Emphasis information || Input fs monitor output || Chip address setting input pin
33
AUDIO
I/O
Channel status bit 1 output || Chip address setting input pin
34
CKST
I/O
Clock switching transition period signal output || Master/slave setting input pin
35
INT
I/O
Microcontroller interrupt signal output || Pins44-48 I/O setting input pin
36
RERR
O
PLL lock error, data error flag output pin
37
DO
O
CCB microcontroller I/F, read data output pin (3-state)
38
DI
I5
CCB microcontroller I/F, write data input pin
39
CE
I5
CCB microcontroller I/F, chip enable input pin
40
CL
I5
CCB microcontroller I/F, clock input pin
41
XMODE
I5
System reset input pin
42
DGND
Digital GND
43
DVDD
Digital power supply (3.3V)
44
GPIO0
O/I
General-purpose I/O pin || Selector input pin (output referred to RDATA pin)
45
GPIO1
O/I
General-purpose I/O pin || Selector input pin (output referred to RLRCK pin)
46
GPIO2
O/I
General-purpose I/O pin || Selector input pin (output referred to RBCK pin)
47
GPIO3
O/I
General-purpose I/O pin || Selector input pin (output referred to RMCK pin)
48
RXOUT2
O
RX0-6 input S/PDIF through output pin 2
* Input voltage: I= -0.3 to 3.6V, I5
= -0.3 to 5.5V
* Output voltage: O= -0.3 to 3.6V
* Pins 2, 4, 5, 8, 9, 10, 24, 38, 39, 40, and 41 have an internal pull-down resistor (pd).
Their level is fixed when they are unselected.
* Pins 32 and 33 are input pins for chip address setting when pin 41 is held at the low level.
* Pin 34 serves as the input pin for designating as the master or slave when pin 41 is held at the low level.
* Pin 35 serves as the input pin for configuring the I/O of pins 44 to 47 when pin 41 is held at the low level.
* The DVDD and AVDD pins must be held at the same level and turned on and off at the same timing to preclude
Latch-up conditions.


Similar Part No. - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC89058W-E ONSEMI-LC89058W-E Datasheet
308Kb / 64P
   Digital Audio Interface Receiver
May, 2013
More results

Similar Description - LC89058W-E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
   Digital Audio Interface Receiver
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com