Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1416 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD1416
Description  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1416 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD1416 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1416 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1416
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 50mA; IB= 0
80
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 6mA
B
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 7A; IB= 14mA
B
2.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 3A; IB= 6mA
B
2.5
V
ICBO
Collector Cutoff Current
VCB= 80V; IE= 0
100
μA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
3.0
mA
hFE -1
DC Current Gain
IC= 3A; VCE= 3V
2000
15000
hFE -2
DC Current Gain
IC= 7A; VCE= 3V
1000
Switching times
ton
Turn-on Time
0.8
μs
tstg
Storage Time
3.0
μs
tf
Fall Time
IB1= -IB2= 6mA
RL= 15Ω; VCC= 45V
PW=20μs; Duty Cycle≤1%
2.5
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - 2SD1416

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1410 ISC-2SD1410 Datasheet
147Kb / 3P
   isc Silicon NPN Darlington Power Transistor
logo
Toshiba Semiconductor
2SD1410A TOSHIBA-2SD1410A Datasheet
163Kb / 3P
   NPN TRIPLE DIFFUSED TYPE (IGNITER, HIGH VOLTAGE SWITCHING APPLICATIONS)
2SD1410A TOSHIBA-2SD1410A Datasheet
146Kb / 4P
   High Voltage Switching Applications
2SD1410A TOSHIBA-2SD1410A_09 Datasheet
146Kb / 4P
   High Voltage Switching Applications
logo
Savantic, Inc.
2SD1411 SAVANTIC-2SD1411 Datasheet
167Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD1416

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com