Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863540C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC863540C
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863540C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC863540C Datasheet HTML 1Page - Sanyo Semicon Device LC863540C Datasheet HTML 2Page - Sanyo Semicon Device LC863540C Datasheet HTML 3Page - Sanyo Semicon Device LC863540C Datasheet HTML 4Page - Sanyo Semicon Device LC863540C Datasheet HTML 5Page - Sanyo Semicon Device LC863540C Datasheet HTML 6Page - Sanyo Semicon Device LC863540C Datasheet HTML 7Page - Sanyo Semicon Device LC863540C Datasheet HTML 8Page - Sanyo Semicon Device LC863540C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LC863548C/40C/32C/28C/24C/20C/16C
No.A0118-4/17
Sub-routine stack level
• A maximum of 128 levels (stack is built in the internal RAM)
Multiplication/division instruction
• 16-bits × 8-bits (7 instruction cycle times)
• 16-bits ÷ 8-bits (7 instruction cycle times)
3 oscillation circuits
• Built-in RC oscillation circuit used for the system clock
• Built-in VCO circuit used for the system clock and OSD
• X’tal oscillation circuit used for base timer, system clock and PLL reference
Standby function
• HALT mode
The HALT mode is used to reduce the power dissipation. In this operation mode, the program execution is stopped.
This mode can be released by the interrupt request or the system reset.
• HOLD mode
The HOLD mode is used to stop the oscillations ; RC (internal), VCO, and X’tal oscillations.
This mode can be released by the following conditions.
1. Pull the reset terminal (RES) to low level.
2. Feed the selected level to either P70/INT0 or P71/INT1.
Package
• MFP36SDJ (Lead-free type)
• DIP36S (Lead-free type)
Development tools
• Flash EEPROM
: LC86F3548A
• Evaluation chip
: LC863096
• Emulator
: EVA86000 (main) + ECB863200A (evaluation chip board)
+ SUB863400A (sub board)
+ POD36-CABLE (cable)
+ POD36-DIP (for DIP36S)
or POD36-MFP (for MFP36SDJ)


Similar Part No. - LC863540C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863540B SANYO-LC863540B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results

Similar Description - LC863540C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com