Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC863828B Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC863828B
Description  8-bit 1-chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863828B Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863828B Datasheet HTML 6Page - Sanyo Semicon Device LC863828B Datasheet HTML 7Page - Sanyo Semicon Device LC863828B Datasheet HTML 8Page - Sanyo Semicon Device LC863828B Datasheet HTML 9Page - Sanyo Semicon Device LC863828B Datasheet HTML 10Page - Sanyo Semicon Device LC863828B Datasheet HTML 11Page - Sanyo Semicon Device LC863828B Datasheet HTML 12Page - Sanyo Semicon Device LC863828B Datasheet HTML 13Page - Sanyo Semicon Device LC863828B Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LC863864B/56B/48B/40B/32B/28B/24B/20B/16B
No.A0119-10/20
Absolute Maximum Ratings / Ta = 25°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
RES, HS, VS, CVIN
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, I, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
Ports 0, 1, 6, 7, 8
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 7, 8
• CMOS output
• For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, I, BL
• CMOS output
• For each pin.
-5
ΣIOAH(1)
Ports 0, 1
The total of all pins.
-20
ΣIOAH(2)
Ports 7, 8
The total of all pins.
-10
High
level
output
current
Total
output
current
ΣIOAH(3)
R, G, B, I, BL
The total of all pins.
-15
IOPL(1)
Ports 0, 1, 6, 8
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, I, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
The total of all pins.
40
ΣIOAL(2)
Ports 6, 7, 8
The total of all pins.
40
Low
level
output
current
Total
output
current
ΣIOAL(3)
R, G, B, I, BL
The total of all pins.
15
mA
DIP42S
715
Maximum power
dissipation
Pd max
QIP48E
Ta = -10 to +70°C
385
mW
Operating
temperature range
Topr
-10
+70
Storage
temperature range
Tstg
-55
+125
°C
Recommended Operating Range / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
VDD(1)
0.844
µs ≤ tCYC ≤ 0.852µs
4.5
5.5
Operating supply
voltage range
VDD(2)
VDD
4
µs ≤ tCYC ≤ 400µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0 (Schumitt)
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
• Ports 1, 6 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
•HS, VS, RES
(Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
High level input
voltage
VIH(4)
Port 8
Watchdog timer input
Output disable
4.5 to 5.5
0.7VDD
VDD
V
Continued on next page.


Similar Part No. - LC863828B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Similar Description - LC863828B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com