Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5L30 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # SF5L30
Description  Super Fast Recovery Rectifiers(300V 5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

SF5L30 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  SF5L30 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd SF5L30 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd SF5L30 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd SF5L30 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd SF5L30 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd SF5L30 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0
tp
IO
T
D=tp/T
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
SF5L30
0.3
Forward Power Dissipation
Tj = 150
°C
SIN
0.2
0.1
D=0.8
DC
0.5
0.05
Average Rectified Forward Current IO [A]


Similar Part No. - SF5L30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF5L RECTRON-SF5L Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
SF5L RECTRON-SF5L Datasheet
187Kb / 7P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2021- REV:E 08
logo
Shindengen Electric Mfg...
SF5L40UM SHINDENGEN-SF5L40UM Datasheet
162Kb / 4P
   Fast Recovery Diode
SF5L60 SHINDENGEN-SF5L60 Datasheet
377Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
More results

Similar Description - SF5L30

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
SF5LC30 SHINDENGEN-SF5LC30 Datasheet
348Kb / 6P
   Super Fast Recovery Rectifiers(300V 5A)
SF20LC30 SHINDENGEN-SF20LC30 Datasheet
338Kb / 6P
   Super Fast Recovery Rectifiers(300V 20A)
DF20LC30 SHINDENGEN-DF20LC30 Datasheet
341Kb / 6P
   Super Fast Recovery Rectifiers(300V 20A)
D5LC20UR SHINDENGEN-D5LC20UR Datasheet
439Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
   Super Fast Recovery Rectifiers(400V 5A)
D5LD20U SHINDENGEN-D5LD20U Datasheet
439Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
DE5LC20U SHINDENGEN-DE5LC20U Datasheet
474Kb / 7P
   Super Fast Recovery Rectifiers(200V 5A)
SF5L60 SHINDENGEN-SF5L60 Datasheet
377Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
SF5L60U SHINDENGEN-SF5L60U Datasheet
334Kb / 6P
   Super Fast Recovery Rectifiers(600V 5A)
SF5LC20U SHINDENGEN-SF5LC20U Datasheet
380Kb / 6P
   Super Fast Recovery Rectifiers(200V 5A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com