Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD235 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD235
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD235 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD235 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD235 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD235 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD233 BD235 BD237
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=1A; IB=0.1A
0.6
V
VBE
Base-emitter on voltage
IC=1A ; VCE=2V
1.3
V
BD233
45
BD235
60
VCEO(SUS)
Collector-emitter
sustaining voltage
BD237
IC=0.1A; IB=0
80
V
BD233
VCB=45V; IE=0
BD235
VCB=60V; IE=0
ICBO
Collector cut-off current
BD237
VCB=100V; IE=0
100
μA
IEBO
Emitter cut-off current
VEB=5V; IC=0
1
mA
hFE-1
DC current gain
IC=150mA ; VCE=2V
40
hFE-2
DC current gain
IC=1A ; VCE=2V
25
fT
Transition frequency
IC=250mA; VCE=10V
3
MHz


Similar Part No. - BD235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Continental Device Indi...
BD235 CDIL-BD235 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD235 FAIRCHILD-BD235 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
logo
Micro Commercial Compon...
BD235 MCC-BD235 Datasheet
283Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
BD235 ETC1-BD235 Datasheet
1Mb / 2P
   TO-126 Plastic-Encapsulate Transistors
More results

Similar Description - BD235

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com