Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMIF06-MSD02N16 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EMIF06-MSD02N16
Description  6-line IPAD?? EMI filter and ESD protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD02N16 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EMIF06-MSD02N16 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 9Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 10Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 11Page - STMicroelectronics EMIF06-MSD02N16 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EMIF06-MSD02N16
Ordering information
11/12
5.5
Reflow profile
Figure 18.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Note:
Minimize air convection currents in the reflow oven to avoid component movement.
6
Ordering information
7
Revision history
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
Table 4.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF06-MSDN16
N6(1)
1.
The marking can be rotated by 90° to differentiate assembly location
Micro QFN
6.17 mg
3000
Tape and reel (7”)
Table 5.
Document revision history
Date
Revision
Changes
21-Nov-2008
1
Initial release.


Similar Part No. - EMIF06-MSD02N16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
   Mini and micro-SD card IPAD??EMI filtering and ESD protection
More results

Similar Description - EMIF06-MSD02N16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF06-1002F2 STMICROELECTRONICS-EMIF06-1002F2 Datasheet
218Kb / 7P
   6-line IPAD?? EMI filter and ESD protection
EMIF06-HMC01F2 STMICROELECTRONICS-EMIF06-HMC01F2_08 Datasheet
231Kb / 8P
   6-line IPAD, EMI filter including ESD protection
EMIF06-HMC02F2 STMICROELECTRONICS-EMIF06-HMC02F2 Datasheet
285Kb / 7P
   6-line IPAD?? EMI filter including ESD protection
March 2016 Rev 1
EMIF06-VID01F2 STMICROELECTRONICS-EMIF06-VID01F2_08 Datasheet
172Kb / 7P
   6-line IPAD, low capacitance EMI filter and ESD protection
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
   2-line IPAD, EMI filter and ESD protection
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
   9-line IPAD, EMI filter and ESD protection
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
   10-line IPAD?? EMI filter and ESD protection
EMIF01-TV01F3 STMICROELECTRONICS-EMIF01-TV01F3 Datasheet
181Kb / 8P
   Single line IPAD, EMI filter and ESD protection
EMIF01-TV02F3 STMICROELECTRONICS-EMIF01-TV02F3 Datasheet
170Kb / 7P
   Single line IPAD?? EMI filter and ESD protection
EMIF02-MIC06F3 STMICROELECTRONICS-EMIF02-MIC06F3 Datasheet
211Kb / 8P
   2-line IPAD??EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com