Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD899 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD899
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD899 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD899 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD899 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD899 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BD895/897/899/901
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD895
45
BD897
60
BD899
80
V(BR)CEO
Collector-emitter
breakdown voltage
BD901
IC=100mA, IB=0
100
V
VCEsat
Collector-emitter saturation voltage
IC=3A ,IB=12mA
2.5
V
VBE
Base-emitter on voltage
IC=3A ; VCE=3V
2.5
V
BD895
VCB=45V, IE=0
TC=100℃
0.2
2.0
BD897
VCB=60V, IE=0
TC=100℃
0.2
2.0
BD899
VCB=80V, IE=0
TC=100℃
0.2
2.0
ICBO
Collector cut-off current
BD901
VCB=100V, IE=0
TC=100℃
0.2
2.0
mA
BD895
VCE=30V, IB=0
BD897
VCE=30V, IB=0
BD899
VCE=40V, IB=0
ICEO
Collector cut-off current
BD901
VCE=50V, IB=0
0.5
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE
DC current gain
IC=3A ; VCE=3V
750
VEC
Diode forward voltage
IE=8A
3.5
V
ton
Turn-on time
1
μs
toff
Turn-off time
IC=3A ; IB1=-IB2=12mA
VBE=-3.5V;RL=10Ω;tp=20μs
5
μs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.79
℃/W


Similar Part No. - BD899

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD899 POINN-BD899 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD899 BOURNS-BD899 Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD899 SAVANTIC-BD899 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD899 NJSEMI-BD899 Datasheet
128Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
Power Innovations Ltd
BD899A POINN-BD899A Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
More results

Similar Description - BD899

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com