Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA38SA50LCP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # FA38SA50LCP
Description  Power MOSFET, 38 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FA38SA50LCP Datasheet(HTML) 5 Page - Vishay Siliconix

  FA38SA50LCP Datasheet HTML 1Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 2Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 3Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 4Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 5Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 6Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 7Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 8Page - Vishay Siliconix FA38SA50LCP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94547
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 11-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
5
FA38SA50LCP
Power MOSFET, 38 A
Vishay Semiconductors
Fig. 13 - Maximum Effective Transient Thermal Impedance, Junction to Case
Fig. 14 - Unclamped Inductive Test Circuit
Fig. 15 - Unclamped Inductive Waveforms
Fig. 16 - Maximum Avalanche Energy vs. Drain Current
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
0.50
SINGLE PULSE
(THERMAL RESPONSE)
0.01
Ω
D.U.T
L
+
-
Driver
A
15 V
20 V
R
G
V
DS
I
AS
t
p
V
DD
tp
V(BR)DSS
IAS
25
50
75
100
125
150
0
200
400
600
800
1000
1200
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
17A
24A
38A


Similar Part No. - FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
FA38SA50LC IRF-FA38SA50LC Datasheet
171Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
Revision: 08-Aug-13
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
   N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
   MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
   MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NTMFS4927NT1G ONSEMI-NTMFS4927NT1G Datasheet
120Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 8
NTMFS4C13NT1G ONSEMI-NTMFS4C13NT1G Datasheet
126Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com