Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB100DA60UP Datasheet(PDF) 7 Page - Vishay Siliconix

Part # GB100DA60UP
Description  Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GB100DA60UP Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button GB100DA60UP Datasheet HTML 2Page - Vishay Siliconix GB100DA60UP Datasheet HTML 3Page - Vishay Siliconix GB100DA60UP Datasheet HTML 4Page - Vishay Siliconix GB100DA60UP Datasheet HTML 5Page - Vishay Siliconix GB100DA60UP Datasheet HTML 6Page - Vishay Siliconix GB100DA60UP Datasheet HTML 7Page - Vishay Siliconix GB100DA60UP Datasheet HTML 8Page - Vishay Siliconix GB100DA60UP Datasheet HTML 9Page - Vishay Siliconix GB100DA60UP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
GB100DA60UP
Insulated Gate Bipolar Transistor
(Warp 2 Speed IGBT), 100 A
Vishay Semiconductors
Document Number: 93001
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 22-Jul-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
7
Fig. 18b - Switching Loss Waveforms Test Circuit
ORDERING INFORMATION TABLE
t = 5 µs
t
d(on)
t
f
t
r
90 %
t
d(off)
10 %
90 %
10 %
5 %
V
C
I
C
E
on
E
off
E
ts = (Eon + Eoff)
1
2
3
1
-
Insulated Gate Bipolar Transistor (IGBT)
2
-
B = IGBT Generation 5
3
-
Current rating (100 = 100 A)
4
-
Circuit configuration (D = Single switch with antiparallel diode)
5
-
Package indicator (A = SOT-227)
6
-
Voltage rating (60 = 600 V)
8
-
Totally lead (Pb)-free
7
-
Speed/type (U = Ultrafast IGBT)
Device code
5
13
24
67
8
G
B
100
D
A
60
U
P


Similar Part No. - GB100DA60UP

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
GB100 YUANDEAN-GB100 Datasheet
268Kb / 2P
   AC-DC Converter
logo
TDK Electronics
GB100-17 TDK-GB100-17 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB100-50-3P208 TDK-GB100-50-3P208 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB100-50-3P400 TDK-GB100-50-3P400 Datasheet
88Kb / 2P
   Programmable Power Supplies
GB100-50-3P480 TDK-GB100-50-3P480 Datasheet
88Kb / 2P
   Programmable Power Supplies
More results

Similar Description - GB100DA60UP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GA100NA60UP VISHAY-GA100NA60UP Datasheet
252Kb / 10P
   Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Revision: 22-Jul-10
VS-GA100NA60UP VISHAY-VS-GA100NA60UP Datasheet
234Kb / 9P
   Insulated Gate Bipolar Transistor (Warp 2 Speed IGBT), 100 A
Revision: 01-Feb-12
VS-GA200SA60UP VISHAY-VS-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
GA200SA60UP VISHAY-GA200SA60UP Datasheet
153Kb / 8P
   Insulated Gate Bipolar Transistor (Ultrafast Speed IGBT), 100 A
Revision: 26-Oct-11
VS-GT100DA120UF VISHAY-VS-GT100DA120UF Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2022
GT100DA60U VISHAY-GT100DA60U_V01 Datasheet
178Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
GT100DA60U VISHAY-GT100DA60U Datasheet
175Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
VS-GT100DA120UF VISHAY-VS-GT100DA120UF_V01 Datasheet
191Kb / 11P
   Insulated Gate Bipolar Transistor (Ultrafast IGBT), 100 A
01-Jan-2023
GT100DA120U VISHAY-GT100DA120U Datasheet
177Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
Revision: 22-Jul-10
VS-GT100DA120U VISHAY-VS-GT100DA120U Datasheet
176Kb / 10P
   Insulated Gate Bipolar Transistor (Trench IGBT), 100 A
02-Oct-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com