Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB01-05C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SB01-05C
Description  50V, 100mA Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB01-05C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SB01-05C Datasheet HTML 1Page - Sanyo Semicon Device SB01-05C Datasheet HTML 2Page - Sanyo Semicon Device SB01-05C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SB01-05C
No. A0406-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Low forward voltage (VF max=0.55V).
Fast reverse recorvery time (trr max=10ns).
Low switching noise.
Low leakage current and high reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
50
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
55
V
Average Output Current
IO
100
mA
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
2
A
Junction Temperature
Tj
--55 to +125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=50µA, Tj=25°C50
V
Forward Voltage
VF
IF=100mA, Tj=25°C
0.55
V
Reverse Current
IR
VR=25V, Tj=25°C15
µA
Interterminal Capacitance
C
VR=10V, f=1MHz
4.4
pF
Reverse Recovery Time
trr
IF=IR=10mA, Tj=25°C, See specified Test Circuit.
10
ns
Rthj-a(1)
560
°C / W
Thermal Resistance
Rthj-a(2)
Mounted in Cu-foiled area of 16mm2!0.2mm
410
°C / W
on glass epoxy board
Marking : A
Ordering number : ENA0406
71206 / 42506SB MS IM TA-100743
SB01-05C
Schottky Barrier Diode
50V, 100mA Rectifier
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
http://semicon.sanyo.com/en/network


Similar Part No. - SB01-05C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB01-05C ONSEMI-SB01-05C Datasheet
720Kb / 4P
   Schottky Barrier Diode
June, 2014
SB01-05C-TB-E ONSEMI-SB01-05C-TB-E Datasheet
720Kb / 4P
   Schottky Barrier Diode
June, 2014
logo
Sanyo Semicon Device
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
   50V, 100mA Rectifier
More results

Similar Description - SB01-05C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-05SPA SANYO-SB01-05SPA Datasheet
60Kb / 2P
   50V, 100mA Rectifier
FC806 SANYO-FC806 Datasheet
50Kb / 2P
   50V, 100mA Rectifier
SB01-05CP SANYO-SB01-05CP Datasheet
60Kb / 2P
   50V, 100mA Rectifier
SB01-05Q SANYO-SB01-05Q Datasheet
51Kb / 2P
   50V, 100mA Rectifier
SB01W05C SANYO-SB01W05C Datasheet
51Kb / 2P
   50V, 100mA Rectifier
SB01W05S SANYO-SB01W05S Datasheet
56Kb / 2P
   50V, 100mA Rectifier
logo
Rohm
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
   -100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
   -100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
   -100mA / -50V Digital transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com